Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10IU-0505ELF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P10IU-0505ELF
Description  PME-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10IU-0505ELF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P10IU-0505ELF Datasheet HTML 1Page - PEAK electronics GmbH P10IU-0505ELF Datasheet HTML 2Page - PEAK electronics GmbH P10IU-0505ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PME-Series – P10IU-xxxxELF – Single Output – SIP4 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single Output
Order #
Inp
ut V
olta
ge
(VD
C)
Inp
ut C
urre
nt N
o L
oad
(mA
)
Inp
ut C
urre
nt F
ull L
oad
(mA
)
Out
put
Vol
tag
e (V
DC
)
Out
put
Cur
ren
t Fu
ll Lo
ad
(mA
)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT
P10IU-053R3ELF
5
35
371
3.3
400
71
470
P10IU-0505ELF
5
35
519
5
400
77
470
P10IU-057R2ELF
5
35
519
7.2
278
77
470
P10IU-0509ELF
5
35
500
9
222
80
470
P10IU-0512ELF
5
35
487
12
167
82
470
P10IU-0515ELF
5
35
487
15
133
82
470
P10IU-0518ELF
5
35
487
18
111
82
470
P10IU-0524ELF
5
35
487
24
83
82
470
P10IU-123R3ELF
12
20
152
3.3
400
72
470
P10IU-1205ELF
12
20
213
5
400
78
470
P10IU-127R2ELF
12
20
208
7.2
278
80
470
P10IU-1209ELF
12
20
203
9
222
82
470
P10IU-1212ELF
12
20
198
12
167
84
470
P10IU-1215ELF
12
20
198
15
133
84
470
P10IU-1218ELF
12
20
198
18
111
84
470
P10IU-1224ELF
12
25
203
24
83
82
470
P10IU-153R3ELF
15
18
120
3.3
400
73
470
P10IU-1505ELF
15
18
170
5
400
78
470
P10IU-157R2ELF
15
18
166
7.2
278
80
470
P10IU-1509ELF
15
18
162
9
222
82
470
P10IU-1512ELF
15
18
158
12
167
84
470
P10IU-1515ELF
15
18
158
15
133
84
470
P10IU-1518ELF
15
18
158
18
111
84
470
P10IU-1524ELF
15
18
162
24
83
82
470
P10IU-243R3ELF
24
10
74
3.3
400
74
470
P10IU-2405ELF
24
10
104
5
400
80
470
P10IU-247R2ELF
24
10
104
7.2
278
80
470
P10IU-2409ELF
24
10
99
9
222
84
470
P10IU-2412ELF
24
10
99
12
167
84
470
P10IU-2415ELF
24
10
99
15
133
84
470
P10IU-2418ELF
24
10
99
18
111
84
470
P10IU-2424ELF
24
10
99
24
83
84
470
P10IU-483R3ELF
48
7
38
3.3
400
72
470
P10IU-4805ELF
48
7
53
5
400
78
470
P10IU-487R2ELF
48
7
52
7.2
278
80
470
P10IU-4809ELF
48
7
51
9
222
82
470
P10IU-4812ELF
48
7
52
12
167
80
470
P10IU-4815ELF
48
7
51
15
133
82
470
P10IU-4818ELF
48
7
51
18
111
82
470
P10IU-4824ELF
48
7
51
24
83
82
470
If you need other specifications, please enquire.


Similar Part No. - P10IU-0505ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10IU-0505E PEAK-P10IU-0505E Datasheet
241Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP4
More results

Similar Description - P10IU-0505ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10AU PEAK-P10AU_14 Datasheet
146Kb / 3P
   PME-SERIES
logo
Advantech Co., Ltd.
SYS-4U7442-4S01 ADVANTECH-SYS-4U7442-4S01_14 Datasheet
1Mb / 2P
   Dual LGA 2011 Intel짰 Xeon짰 E5-2600 4U Systems with 3 x PCIe x16, 1 x PCIe x8, PME Support
ASMB-922-00A1E ADVANTECH-ASMB-922-00A1E Datasheet
595Kb / 2P
   Dual Intel짰 Xeon짰 E5-2600 / 2600 v2 EATX Server Board with DDR3, 3 PCIe x16 1 PCIe x8, PME support
ASMB-920IR ADVANTECH-ASMB-920IR Datasheet
531Kb / 2P
   Dual LGA 2011 Intel짰 Xeon짰 E5 EATX Server Board with DDR3, 2 PCIe x16 (Gen 3.0), PME Expansion Module, SAS RAID
ASMB-913-00A1E ADVANTECH-ASMB-913-00A1E Datasheet
755Kb / 2P
   Dual LGA 2011-R3 Intel Xeon짰 E5-2600 v3 EATX Server Board with 16 x DDR4 DIMM,3 PCIe x16, 6 USB 3.0, PME support
ASMB-913 ADVANTECH-ASMB-913_V01 Datasheet
707Kb / 2P
   Dual LGA 2011-R3 Intel짰 Xeon짰 E5-2600 v3/v4 EATX Server Board with 16 DDR4 DIMM, 3 PCIe x16, 6 USB 3.0, PME support, IPMI
25-Jan-2018
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com