Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFS23N20DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS23N20DPBF
Description  High frequency DC-DC converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS23N20DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS23N20DPBF Datasheet HTML 1Page - International Rectifier IRFS23N20DPBF Datasheet HTML 2Page - International Rectifier IRFS23N20DPBF Datasheet HTML 3Page - International Rectifier IRFS23N20DPBF Datasheet HTML 4Page - International Rectifier IRFS23N20DPBF Datasheet HTML 5Page - International Rectifier IRFS23N20DPBF Datasheet HTML 6Page - International Rectifier IRFS23N20DPBF Datasheet HTML 7Page - International Rectifier IRFS23N20DPBF Datasheet HTML 8Page - International Rectifier IRFS23N20DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRFB/IRFS/IRFSL23N20DPbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
13
––– –––
S
VDS = 50V, ID = 14A
Qg
Total Gate Charge
–––
57
86
ID = 14A
Qgs
Gate-to-Source Charge
–––
14
21
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
27
40
VGS = 10V,
„†
td(on)
Turn-On Delay Time
–––
14
–––
VDD = 100V
tr
Rise Time
–––
32
–––
ID = 14A
td(off)
Turn-Off Delay Time
–––
26
–––
RG = 4.6Ω
tf
Fall Time
–––
16
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
1960 –––
VGS = 0V
Coss
Output Capacitance
–––
300 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
65
–––
pF
ƒ = 1.0MHz
†
Coss
Output Capacitance
–––
2200 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
120 –––
VGS = 0V, VDS = 160V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
220 –––
VGS = 0V, VDS = 0V to 160V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚†
–––
250
mJ
IAR
Avalanche Current

–––
14
A
EAR
Repetitive Avalanche Energy

–––
17
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
†
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS = 14A, VGS = 0V
„
trr
Reverse Recovery Time
––– 200
300
ns
TJ = 25°C, IF = 14A
Qrr
Reverse RecoveryCharge
––– 1300 1940
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
24
96
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.26 –––
V/°C Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.10
VGS = 10V, ID = 14A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.5
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.90
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40


Similar Part No. - IRFS23N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS23N20DPBF IRF-IRFS23N20DPBF Datasheet
275Kb / 11P
   SMPS MOSFET
IRFS23N20DPBF IRF-IRFS23N20DPBF Datasheet
284Kb / 12P
   High frequency DC-DC converters
IRFS23N20DPBF IRF-IRFS23N20DPBF_15 Datasheet
284Kb / 12P
   High frequency DC-DC converters
More results

Similar Description - IRFS23N20DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com