Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10GG-053R3ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P10GG-053R3ELF
Description  PMF-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10GG-053R3ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P10GG-053R3ELF Datasheet HTML 1Page - PEAK electronics GmbH P10GG-053R3ELF Datasheet HTML 2Page - PEAK electronics GmbH P10GG-053R3ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMF-Series – P10GG-xxxxE(Hxx)LF – Single Output – SIP12 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
2.50
(0.10)
8.00
(0.32)
PEAK
Modelcode
Datecode
1
12
32.00
(1.26)
27.94
(1.10)
2.54
(0.10)
0.68
(0.03)
0.50
(0.02)
3.40
(0.13)
All dimensions are typical in millimeters (inches).
- Pin diameter: 0.5 +/-0.05 (0.02 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
#
SINGLE
SINGLE ≥3kV
1 +Vin
+Vin
2 N.C.
- Vin
3 N.C.
N.C.
9 N.C.
N.C.
10 - Vout
- Vout
11 +Vout
+Vout
12 - Vin
N.C.
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by minimal Vin and constant resistive load.


Similar Part No. - P10GG-053R3ELF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
P10G1001-F CDE-P10G1001-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10G1001-F CDE-P10G1001-F Datasheet
189Kb / 4P
   Conformally coated, axial leaded
P10G1002-F CDE-P10G1002-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10G1002-F CDE-P10G1002-F Datasheet
162Kb / 3P
   Multilayer Ceramic Capacitors
P10G1002-F CDE-P10G1002-F Datasheet
189Kb / 4P
   Conformally coated, axial leaded
More results

Similar Description - P10GG-053R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P8GG PEAK-P8GG_14 Datasheet
137Kb / 3P
   PMF-SERIES
P14GG PEAK-P14GG_14 Datasheet
137Kb / 3P
   PMF-SERIES
logo
Delta Electronics, Inc.
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-5V320WCXX DELTA-PMF-5V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
logo
RFE international
PMT103J2G RFE-PMT103J2G Datasheet
83Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
PMT RFE-PMT Datasheet
136Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMT & PMF Series: Axial Leaded, Flat & Tubular
REV 2010.10.13
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
logo
JDS Uniphase Corporatio...
21010278 JDSU-21010278 Datasheet
169Kb / 4P
   10Gb/s, data modulator with attenuator, PMF in & SMF out, FC/SPC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com