Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10CU-0518ELF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P10CU-0518ELF
Description  PM3-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10CU-0518ELF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P10CU-0518ELF Datasheet HTML 1Page - PEAK electronics GmbH P10CU-0518ELF Datasheet HTML 2Page - PEAK electronics GmbH P10CU-0518ELF Datasheet HTML 3Page - PEAK electronics GmbH P10CU-0518ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PM3-Series – P10CU-xxxxE/Z LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
Package / Pinning / Derating
Modelcode
Datecode
1
2
4
5
6
7
6.00*
(0.24)
19.50
(0.76)
15.24
(0.60)
2.54
(0.10)
0.50
(0.02)
0.50
(0.02)
2.1
(0.9)
All dimensions are typical in millimeters (inches).
- Pin diameter: 0.5 +/-0.05 (0.02 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
* The thickness
of 48Vin voltage
is 7.20(0.28)
PE
AK
SIP 7 – PLASTIC CASE
#
SINGLE
DUAL
1 +Vin
+Vin
2 - Vin
- Vin
4 - Vout
- Vout
5 Omitted
Common
6 +Vout
+Vout
7 Omitted
Omitted
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by minimal Vin and constant resistive load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.
- For reduce converter’s ripple & noise, it is recommended to add a 4.7µF~220µF(±4.7µF~±100µF for dual output) capacitor in
output end. For EMI performance improvement, it is recommended to add a 12µH inductor and a 10µF~100µF capacitor in input
end.


Similar Part No. - P10CU-0518ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10CU-0512E PEAK-P10CU-0512E Datasheet
222Kb / 2P
   1KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
P10CU-0512Z PEAK-P10CU-0512Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
P10CU-0515Z PEAK-P10CU-0515Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
More results

Similar Description - P10CU-0518ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
   PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
   PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
   PM3-SERIES
P10DUI PEAK-P10DUI_14 Datasheet
130Kb / 3P
   PM3-SERIES
P10LU PEAK-P10LU_14 Datasheet
154Kb / 4P
   PM3-SERIES
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
   MPLAB PM3 Universal Device Programmer
9/1/03
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com