Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6DUI-121212ZLF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # P6DUI-121212ZLF
Description  PM1-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6DUI-121212ZLF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  P6DUI-121212ZLF Datasheet HTML 1Page - PEAK electronics GmbH P6DUI-121212ZLF Datasheet HTML 2Page - PEAK electronics GmbH P6DUI-121212ZLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PM1-Series – P6DUI-xxxxZ(H30)LF – Dual Separate Output – DIP14 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Dual Separate Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
ren
t Fu
ll Lo
ad (
mA
)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL SEPARATE OUTPUT
P6DUI-05053R3ZLF
5
25
259
5, 3.3
100, 152
77
100
P6DUI-05057R2ZLF
5
25
266
5, 7.2
100, 69
75
100
P6DUI-050509ZLF
5
25
259
5, 9
100, 56
77
100
P6DUI-050512ZLF
5
25
259
5, 12
100, 42
77
100
P6DUI-050515ZLF
5
25
256
5, 15
100, 33
78
100
P6DUI-12053R3ZLF
12
15
106
5, 3.3
100, 152
78
100
P6DUI-12057R2ZLF
12
15
111
5, 7.2
100, 69
75
100
P6DUI-120509ZLF
12
15
108
5, 9
100, 56
77
100
P6DUI-120512ZLF
12
15
92
5, 12
100, 42
80
100
P6DUI-120515ZLF
12
15
106
5, 15
100, 33
78
100
P6DUI-24053R3ZLF
24
8
55
5, 3.3
100, 152
75
100
P6DUI-24057R2ZLF
24
8
55
5, 7.2
100, 69
75
100
P6DUI-240509ZLF
24
8
54
5, 9
100, 56
77
100
P6DUI-240512ZLF
24
8
53
5, 12
100, 42
78
100
P6DUI-240515ZLF
24
8
53
5, 15
100, 33
78
100
P6DUI-050505ZLF
5
25
266
5, 5
100, 100
75
100
P6DUI-057R27R2ZLF
5
25
259
7.2, 7.2
69, 69
77
100
P6DUI-050909ZLF
5
25
253
9, 9
56, 56
79
100
P6DUI-051212ZLF
5
25
250
12, 12
42, 42
80
100
P6DUI-051515ZLF
5
25
243
15, 15
33, 33
82
100
P6DUI-120505ZLF
12
15
111
5, 5
100, 100
75
100
P6DUI-127R27R2ZLF
12
15
108
7.2, 7.2
69, 69
77
100
P6DUI-120909ZLF
12
15
108
9, 9
56, 56
77
100
P6DUI-121212ZLF
12
15
104
12, 12
42, 42
80
100
P6DUI-121515ZLF
12
15
102
15, 15
33, 33
81
100
P6DUI-240505ZLF
24
8
55
5, 5
100, 100
75
100
P6DUI-247R27R2ZLF
24
8
54
7.2, 7.2
69, 69
77
100
P6DUI-240909ZLF
24
8
52
9, 9
56, 56
79
100
P6DUI-241212ZLF
24
8
50
12, 12
42, 42
82
100
P6DUI-241515ZLF
24
8
50
15, 15
33, 33
82
100
If you need other specifications, please enquire.
* For optional 3kV DC I/O Isolation, please add “H30” before LF!
Example: P6DUI-050505ZH30LF for 3kV


Similar Part No. - P6DUI-121212ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6DUI-120505Z PEAK-P6DUI-120505Z Datasheet
257Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14
P6DUI-120512Z PEAK-P6DUI-120512Z Datasheet
257Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14
P6DUI-120515Z PEAK-P6DUI-120515Z Datasheet
257Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL SEPARATE OUTPUT DIP14
More results

Similar Description - P6DUI-121212ZLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P5DU PEAK-P5DU_14 Datasheet
132Kb / 4P
   PM1-SERIES
P6MU PEAK-P6MU_14 Datasheet
148Kb / 4P
   PM1-SERIES
P5MU PEAK-P5MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P6DU PEAK-P6DU_14 Datasheet
140Kb / 4P
   PM1-SERIES
P6LU PEAK-P6LU_14 Datasheet
154Kb / 4P
   PM1-SERIES
P6CU PEAK-P6CU_14 Datasheet
151Kb / 4P
   PM1-SERIES
P6CUI PEAK-P6CUI_14 Datasheet
141Kb / 3P
   PM1-SERIES
P3MU PEAK-P3MU_14 Datasheet
141Kb / 4P
   PM1-SERIES
P5CU PEAK-P5CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
P3CU PEAK-P3CU_14 Datasheet
143Kb / 4P
   PM1-SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com