Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6FG-243R3E21LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P6FG-243R3E21LF
Description  PMB-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6FG-243R3E21LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P6FG-243R3E21LF Datasheet HTML 1Page - PEAK electronics GmbH P6FG-243R3E21LF Datasheet HTML 2Page - PEAK electronics GmbH P6FG-243R3E21LF Datasheet HTML 3Page - PEAK electronics GmbH P6FG-243R3E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PMB-Series – P6FG-xxxxE/Z2:1(H30)LF – Single / Dual Output – DIP16 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
P6FG-xxxxE/Z2:1(H30)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input (see table)
Input Filter
Capacitor
Input Reflected Ripple Current¹
35 mA pk-pk
Output Specifications
Voltage Accuracy
± 2%
Short Circuit Protection
Indefinite (Automatic Recovery)
Line Regulation
± 0.5%
Load Regulation (25% - 100%)
± 1%
Ripple and Noise (20Mhz bandwidth)
80 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
I/O Isolation Voltage (3 sec.)
1000 VDC (3000 VDC optional)*
I/O Isolation Capacity
60 pF
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
100 - 650 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 2.732 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 6 g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMB 1 Watt series is a family of cost effective 1 W single and dual
output DC/DC converters with an optional control Pin (SIP). These
converters are encapsulated in an ultra miniature SIP8 or DIP16 plastic or
metal case. High performance features: continuous / long time short circuit
protection with automatic restart and tight line / load regulation, high
efficiency operation and output voltage accuracy of ±2% maximum.
PMB-SERIES
1 Watt
2:1 Wide Input
Reg. Single and Dual Output
1 - 3 kV DC I/O Isolation
DIP16 case
Contin. Short Circuit Protection
Rev.04-2009


Similar Part No. - P6FG-243R3E21LF

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P6F2405D HY-LINE-P6F2405D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2405S HY-LINE-P6F2405S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2409S HY-LINE-P6F2409S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412D HY-LINE-P6F2412D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412S HY-LINE-P6F2412S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
More results

Similar Description - P6FG-243R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PC10NG PEAK-PC10NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
P10FG PEAK-P10FG_14 Datasheet
143Kb / 4P
   PMB-SERIES
PC6NG PEAK-PC6NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
   Prescaler Circuit 2.1 GHz PMB 2314T
logo
PHOENIX CONTACT
2200174 PHOENIX-2200174 Datasheet
59Kb / 3P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
2200173 PHOENIX-2200173 Datasheet
57Kb / 2P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com