Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6631TR1PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF6631TR1PBF
Description  Lead-Free (Qualified up to 260째C Reflow)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6631TR1PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF6631TR1PBF Datasheet HTML 2Page - International Rectifier IRF6631TR1PBF Datasheet HTML 3Page - International Rectifier IRF6631TR1PBF Datasheet HTML 4Page - International Rectifier IRF6631TR1PBF Datasheet HTML 5Page - International Rectifier IRF6631TR1PBF Datasheet HTML 6Page - International Rectifier IRF6631TR1PBF Datasheet HTML 7Page - International Rectifier IRF6631TR1PBF Datasheet HTML 8Page - International Rectifier IRF6631TR1PBF Datasheet HTML 9Page - International Rectifier IRF6631TR1PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF6631PbF
www.irf.com
7
Fig 18.
Diode Reverse Recovery Test Circuit for N-Channel
HEXFET® Power MOSFETs
DirectFET
™ Substrate and PCB Layout, SQ Outline ƒ
(Small Size Can, Q-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes
all recommendations for stencil and substrate designs.
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T

G = GATE
D = DRAIN
S = SOURCE
DD
D
D
GS


Similar Part No. - IRF6631TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6631TRPBF IRF-IRF6631TRPBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
More results

Similar Description - IRF6631TR1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6617PBF IRF-IRF6617PBF Datasheet
244Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
IRF6618TR1PBF IRF-IRF6618TR1PBF Datasheet
250Kb / 9P
   Lead-Free (Qualified up to 260째C Reflow)
logo
P-tec Corporation
PLC3528-WCR08 P-TEC-PLC3528-WCR08 Datasheet
4Mb / 14P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDNW3 P-TEC-PLC3020A-YDNW3 Datasheet
2Mb / 16P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDPW1 P-TEC-PLC3020A-YDPW1 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW1 P-TEC-PLC3020A-YDWW1 Datasheet
1Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020A-YDWW2 P-TEC-PLC3020A-YDWW2 Datasheet
2Mb / 17P
   Compatible lead-free reflow solderingprocess
PLC3020B-YDPW2 P-TEC-PLC3020B-YDPW2 Datasheet
2Mb / 15P
   Compatible lead-free reflow solderingprocess
PLC3528B-WDY05 P-TEC-PLC3528B-WDY05 Datasheet
780Kb / 15P
   Compatible lead-free reflow solderingprocess
logo
Panasonic Semiconductor
EEEFP0J220AR PANASONIC-EEEFP0J220AR_V01 Datasheet
2Mb / 11P
   High temperature Lead-Free reflow
06-Dec-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com