Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6FG-053R3E21LF Datasheet(PDF) 4 Page - PEAK electronics GmbH

Part # P6FG-053R3E21LF
Description  PMB-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P6FG-053R3E21LF Datasheet(HTML) 4 Page - PEAK electronics GmbH

  P6FG-053R3E21LF Datasheet HTML 1Page - PEAK electronics GmbH P6FG-053R3E21LF Datasheet HTML 2Page - PEAK electronics GmbH P6FG-053R3E21LF Datasheet HTML 3Page - PEAK electronics GmbH P6FG-053R3E21LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PMB-Series – P6FG-xxxxE/Z2:1(H30)LF – Single / Dual Output – DIP16 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 4/4
Package / Pinning / Derating
Bottom View
1
8
9
16
17.78
(0.70)
2.54
(0.10)
0.50
(0.02)
PE
AK
Modelcode
Datecode
10.16
(0.40)
3.05
(0.12)
23.40
(0.92)
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.05 (0.04 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
DIP16 – PLASTIC CASE
#
SINGLE
DUAL
1
- Vin
- Vin
2
- Vin
- Vin
6
N.C.
Common
8
N.C.
- Vout
9
+Vout
+Vout
11 - Vout
Common
15 +Vin
+Vin
16 +Vin
+Vin
(same pinning for 3kV)
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH
² = Tested by nominal Vin and constant resistive load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.


Similar Part No. - P6FG-053R3E21LF

ManufacturerPart #DatasheetDescription
logo
HY-LINE Power Component...
P6F2405D HY-LINE-P6F2405D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2405S HY-LINE-P6F2405S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2409S HY-LINE-P6F2409S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412D HY-LINE-P6F2412D Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
P6F2412S HY-LINE-P6F2412S Datasheet
1Mb / 5P
   6 W DC-DC Converter P6F-Series
Rev: 20171010 f
More results

Similar Description - P6FG-053R3E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PC10NG PEAK-PC10NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
P10FG PEAK-P10FG_14 Datasheet
143Kb / 4P
   PMB-SERIES
PC6NG PEAK-PC6NG_14 Datasheet
140Kb / 4P
   PMB-SERIES
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
   Prescaler Circuit 2.1 GHz PMB 2314T
logo
PHOENIX CONTACT
2200174 PHOENIX-2200174 Datasheet
59Kb / 3P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
2200173 PHOENIX-2200173 Datasheet
57Kb / 2P
   Additional labeling of PCB with Phoenix Contact PMB module marker carrier (drill hole diameter 4 mm)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com