Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD543 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BD543
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BD543 Datasheet(HTML) 2 Page - Savantic, Inc.

  BD543 Datasheet HTML 1Page - Savantic, Inc. BD543 Datasheet HTML 2Page - Savantic, Inc. BD543 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD543/A/B/C
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD543
40
BD543A
60
BD543B
80
V(BR)CEO
Collector-emitter
breakdown voltage
BD543C
IC=30mA ;IB=0
100
V
VCEsat-1
Collector-emitter saturation voltage
IC=3A ;IB=0.3A
0.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=5A ;IB=1A
0.5
V
VCEsat-3
Collector-emitter saturation voltage
IC=8A ;IB=1.6A
1
V
VBE
Base-emitter on voltage
IC=5A ; VCE=4V
1.6
V
BD543/543A
VCE=30V;IB=0
ICEO
Collector
cut-off current
BD543B/543C
VCE=60V;IB=0
0.7
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=1A ; VCE=4V
60
hFE-2
DC current gain
IC=3A ; VCE=4V
40
hFE-3
DC current gain
IC=5A ; VCE=4V
15
Switching times
ton
Turn-on time
0.6
µs
toff
Turn-off time
IC=6A;
IB1=-IB2=0.6A
RL=5>
1.0
µs


Similar Part No. - BD543

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD543 POINN-BD543 Datasheet
84Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD543 BOURNS-BD543 Datasheet
103Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD543 SAVANTIC-BD543 Datasheet
99Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD543 ISC-BD543 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Bourns Electronic Solut...
BD543 BOURNS-BD543 Datasheet
87Kb / 4P
   NPN SILICON POWER TRANSISTORS
More results

Similar Description - BD543

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com