Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2AU-483R3ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P2AU-483R3ELF
Description  PMA-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P2AU-483R3ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P2AU-483R3ELF Datasheet HTML 1Page - PEAK electronics GmbH P2AU-483R3ELF Datasheet HTML 2Page - PEAK electronics GmbH P2AU-483R3ELF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMA-Series – P2AU-xxxxELF – Single Output – SIP4 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
Modelcode
Datecode
1
2
3
4
11.68
(0.46)
2.54
(0.10)
Bottom View
1
2
3
4
6.00*
(0.24)*
0.50
(0.02)
0.50
(0.02)
0.50
(0.02)
All dimensions are typical in millimeters (inches).
- Pin diameter: 0.5 +/-0.05 (0.02 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
* The thickness
of 48Vin voltage
is 7.50 (0.29)
PE
AK
SIP4 – PLASTIC CASE
#
SINGLE
1
- Vin
2
+Vin
3
- Vout
4
+Vout
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Tested by minimal Vin and constant resistive load.
- Operation under no-load conditions will not damage these devices, but they will not observe the listed specifications.


Similar Part No. - P2AU-483R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P2AU-0505E PEAK-P2AU-0505E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
P2AU-0512E PEAK-P2AU-0512E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
P2AU-0515E PEAK-P2AU-0515E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
P2AU-0524E PEAK-P2AU-0524E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
P2AU-1205E PEAK-P2AU-1205E Datasheet
214Kb / 2P
   P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4
More results

Similar Description - P2AU-483R3ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P6KU PEAK-P6KU_14 Datasheet
138Kb / 3P
   PMA-SERIES
P3IU PEAK-P3IU_14 Datasheet
147Kb / 3P
   PMA-SERIES
P6BUDUAL PEAK-P6BUDUAL_14 Datasheet
129Kb / 3P
   PMA-SERIES
P6AU PEAK-P6AU_14 Datasheet
147Kb / 3P
   PMA-SERIES
P8AU PEAK-P8AU_14 Datasheet
137Kb / 3P
   PMA-SERIES
P2KU PEAK-P2KU_14 Datasheet
129Kb / 3P
   PMA-SERIES
P6BU PEAK-P6BU_14 Datasheet
138Kb / 3P
   PMA-SERIES
P6BUI PEAK-P6BUI_14 Datasheet
130Kb / 3P
   PMA-SERIES
P2BU PEAK-P2BU_14 Datasheet
129Kb / 3P
   PMA-SERIES
P3AU PEAK-P3AU_14 Datasheet
147Kb / 3P
   PMA-SERIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com