Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABACT0012 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABACT0012
Description  1:1 Flux Coupled Transformer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABACT0012 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABACT0012 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABACT0012 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1:1Flux Coupled Transformer, 3-200MHz
MABACT0012
Absolute Maximum Ratings
2
Pin Configuration
Parameter
Maximum
RF input power
250mW
DC current
30mA
Operating temperature
-40°C - +85°C
Storage temperature
-40°C - +85°C
Function
Pin #
Secondary
3
Secondary CT
2
Secondary Dot
1
Primary Dot
5
Primary
4
Amplitude Unbalance
Insertion Loss Port
Phase Balance
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.0
50.0
100.0
150.0
200.0
Frequency (MHz)
Options
175.0
176.0
177.0
178.0
179.0
180.0
181.0
182.0
183.0
184.0
185.0
0.0
50.0
100.0
150.0
200.0
Frequency (MHz)
Options
Input Return Loss
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.0
50.0
100.0
150.0
200.0
Frequency (MHz)
Options
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
0.0
50.0
100.0
150.0
200.0
Frequency (MHz)
Options
Schematic
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.


Similar Part No. - MABACT0012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0012 MACOM-MABACT0012 Datasheet
176Kb / 2P
   1:1 Flux Coupled Transformer 0.3 - 200 MHz
logo
M/A-COM Technology Solu...
MABACT0012 MA-COM-MABACT0012 Datasheet
113Kb / 2P
   1:1 Flux Coupled Transformer 3 - 200 MHz
MABACT0012 MA-COM-MABACT0012_15 Datasheet
113Kb / 2P
   1:1 Flux Coupled Transformer
More results

Similar Description - MABACT0012

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0_15 Datasheet
96Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009650-CF1160 MA-COM-MABA-009650-CF1160 Datasheet
118Kb / 3P
   1:1 Flux Coupled Transformer
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
   1:1 Flux Coupled Transformer
MABA-009650-CF1160 MA-COM-MABA-009650-CF1160 Datasheet
118Kb / 3P
   1:1 Flux Coupled Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com