Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-011006-V2 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011006-V2
Description  Transformer, 1:20
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011006-V2 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MABA-011006-V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011006-V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Rev. V2
MABA-011006
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Transformer, 1:20
8.2 MHz
Tape & Reel Information
Ordering Information
Recommended Maximum Ratings
Parameter
Units
Value
Qty per reel
-
900
Reel Size
mm
330
Tape Width
mm
16.00
Pitch
mm
12.00
Ao
mm
6.80
Bo
mm
7.60
Ko
mm
5.30
Orientation
-
F15
Reference Application Note ANI-019 for orientation
Part Number
Description
MABA-011006
Tape & Reel
MABA-011006-TB
Customer test board
Parameter
Units
Min
Max
Input Power
mW
250
DC Current
mA
30
Operating Temperature Range
°C
-40
+85
Temperature data available on request


Similar Part No. - MABA-011006-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011006-TB MA-COM-MABA-011006-TB Datasheet
501Kb / 3P
   Available on Tape and Reel
More results

Similar Description - MABA-011006-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007327-CT1A40_V2 MA-COM-MABA-007327-CT1A40_V2 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABA-010112-CT1A40 MA-COM-MABA-010112-CT1A40 Datasheet
122Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABAES0032 MA-COM-MABAES0032_15 Datasheet
114Kb / 3P
   Transformer, 1:1 Transmission Line Transformer
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com