Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-010726-CT1007-V1 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-010726-CT1007-V1
Description  Transformer, 1:1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-010726-CT1007-V1 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MABA-010726-CT1007-V1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-010726-CT1007-V1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-010726-CT1007-V1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-010726-CT1007-V1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Transformer, 1:1
45 MHz - 1200 MHz
Rev. V1
MABA-010726-CT1007 
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Outline Drawing
1.
Dimensions in mm.
2.
Tolerance: ±0.2mm unless otherwise noted.
3.
Model number and lot code printed on reel.
4.
Plating finish: CuSn6
Recommended Footprint
Application Circuit
5%


Similar Part No. - MABA-010726-CT1007-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007_15 Datasheet
1Mb / 4P
   Transformer
More results

Similar Description - MABA-010726-CT1007-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010314-CT1370 MA-COM-MABA-010314-CT1370 Datasheet
159Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
MABA-010411-CT1160 MA-COM-MABA-010411-CT1160 Datasheet
158Kb / 4P
   Transformer, 1:1
MABACT0062 MA-COM-MABACT0062 Datasheet
147Kb / 4P
   Transformer, 1:1
MABA-010400-CT18A0 MA-COM-MABA-010400-CT18A0 Datasheet
123Kb / 4P
   Transformer, 1:1
MABA-011009-V2 MA-COM-MABA-011009-V2 Datasheet
584Kb / 4P
   Transformer, 1:1
DS-MABA-009572-CF18A0 MA-COM-DS-MABA-009572-CF18A0 Datasheet
158Kb / 3P
   Transformer, 1:1 Flux Coupled Transformer
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABA-009594-CF18A0 MA-COM-MABA-009594-CF18A0_15 Datasheet
126Kb / 4P
   Transformer, 1:1 Flux Coupled Transformer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com