Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM91210A Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM91210A
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91210A Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM91210A Datasheet HTML 1Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 2Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 3Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 4Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 5Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 6Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 7Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 8Page - ELAN Microelectronics Corp EM91210A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
EM91210 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
4
* This specification are subject to be changed without notice.
10.1.1997
FUNCTION DESCRIPTIONS
Dialing signal selection
The EM91210 series incorporated a special keyboard scanning function that is connecting a resistor (typically
is 560 Kohms) on keyboard scan pin to select many telephone specifications. The specifications are described
as following :
a. Mode
b. M/B ratio
ROW1
Mode
ROW2
MBR (%)
R-Vdd
20 PPS
NR
40:60
NR
Tone
R-Vss
33:66
R-Vss
10 PPS
c. Flash time
d. DTMF signal
ROW3
ROW4
Tf (ms)
COL1
Td (ms)
Titp (ms)
NR
NR
600
R-Vdd
90
90
NR
R-Vss
100
NR
98
98
R-Vss
NR
80
R-Vss
83
83
R-Vss
R-Vss
300
e. Pause time and P-T wait time
f. Keyboard operate type
COL2
Tp (sec)
Tpt (ms)
COL3
Type
NR
3.6
3.6
NR
A
R-Vss
2.0
2.0
R-Vss
B
Normal dialing
Directly keying digital key on keyboard which number can be dialing output and stored in LNB memory
automatically. Operating procedure described as follow :
• To select Pulse or Tone mode.
• Off-hook or turn on HF function.
• Keying d1, d2, .. , dn. The “d” expressed digital keypad that included 1~9, *, 0, #, P, and P
→T keys. The “n”
expressed unlimited.
• The numbers d1, d2, .. , dn will be dialed out in Pulse or Tone mode as selection.
LNB redial memory
Storing:
In normal dialing mode, every digital key was entry which number will be stored in LNB memory
automatically. If entry digits are more than 32 digits, the redial function of LNB memory will be disabled.
Otherwise, these numbers stored in LNB memory can be redial output.
Redialing:
After normal dialing, directly keying F key (or On-Off hook once) and keying RD key on keyboard. The
numbers that are stored into LNB memory will be dialed output.
SAVE redial memory
The SAVE meomry is designed in EM91210 series to support 32 digits capacity buffer for second redial,
pager, Memory and other system applications.


Similar Part No. - EM91210A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215A EMC-EM91215A Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215AP EMC-EM91215AP Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215B EMC-EM91215B Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215BP EMC-EM91215BP Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results

Similar Description - EM91210A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com