Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM91210 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM91210
Description  TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM91210 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM91210 Datasheet HTML 5Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 6Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 7Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 8Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 9Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 10Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 11Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 12Page - ELAN Microelectronics Corp EM91210 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EM91210 SERIES
TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
9
* This specification are subject to be changed without notice.
10.1.1997
Keyboard debounce time
Tdb
-
20
-
ms
Key tone signal:
frequency
Fkt
-
600
-
Hz
present duration
Tkt
-
30
-
ms
Pause time and pulse to tone
Tp
-
3.6
-
sec.
COL2=NR
Tpt
-
2
-
sec.
COL2=R-Vss
Flash time
Tf
-
600
-
Row3, Row4=NR, NR
-
100
-
ms
Row3, Row4=NR, R-Vss
-
80
-
Row3, Row4=R-Vss, NR
-
300
-
Row3, Row4=R-Vss,R-Vss
Flash pause time
Tfp
-
300
-
ms
Pulse rate
PSR
-
20
-
pps
Row1 = R-Vdd
-
10
-
Row1 = R-Vss
Make/Break ratio
MBR
-
40:60
-
%
Row2 = NR
-
33:66
-
Row2 = R-Vss
Inter-digit pause time
Tidp
-
800
-
ms
PSR = 10 pps
-
500
-
PSR = 20 pps
DTMF pin: sink current
IoL
-0.2
-
-
mA
Vdtmf = 0.5 V
DTMF signal DC level
Vdc
0.5
-
0.75
Vdd
Vdd = 2.0V ~ 5.5V
DTMF signal: ac level
Vdtmf
142
160
180
mVrms Row group
pre-emphase
Twist
1
2
3
dB
Column - Row
distortion
THD
-
-30
-23
dB
RL = 5 K
load resistance
ZL
5
-
-
K
THD
<−23dB
96
98
100
Minimum tone duration
T
D
88
90
92
ms
Memory dialing
81
83
85
96
98
100
Minimum inter-tone pause
Titp
88
90
92
ms
Memory dialing
81
83
85
SDO every bit time
Tbit
3.8
3.9
4.1
ms
Parameter
Sym.
Min.
Typ.
Max. Unit
Condition
ELECTRICAL CHARACTERISTIC
(Ambient temperature is 25
°C, V
DD=2.5V unless otherwise noted, all voltages referenced to Vss,Fosc=3.579545 MHz)
DTMF output frequency (fosc = 3.579545 MHz)
Keyboard scan pin
CCITT standard (Hz)
Actual output (Hz)
Deviation (%)
ROW1 (f1)
697
699.1
0.30
ROW2 (f2)
770
766.2
0.49
ROW3 (f3)
852
847.4
-0.53
ROW4 (f4)
941
947.9
0.73
COL1 (f5)
1209
1215.8
0.56
COL2 (f6)
1336
1331.6
-0.32
COL3 (f7)
1477
1471.8
-0.35


Similar Part No. - EM91210

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215A EMC-EM91215A Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215AP EMC-EM91215AP Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215B EMC-EM91215B Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91215BP EMC-EM91215BP Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
More results

Similar Description - EM91210

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM91215 EMC-EM91215 Datasheet
145Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91810A EMC-EM91810A Datasheet
172Kb / 18P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91203 EMC-EM91203 Datasheet
143Kb / 19P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91240 EMC-EM91240 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
EM91220 EMC-EM91220 Datasheet
145Kb / 20P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE
logo
Silan Microelectronics ...
SC91415CK SILAN-SC91415CK Datasheet
301Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY
logo
ELAN Microelectronics C...
EM91401 EMC-EM91401 Datasheet
174Kb / 23P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91440 EMC-EM91440 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91420 EMC-EM91420 Datasheet
175Kb / 24P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
EM91415 EMC-EM91415 Datasheet
186Kb / 25P
   TONE/PULSE SWITCHABLE DIALER WITH LCD INTERFACE AND DUAL-TONE MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com