Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM84520DP Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM84520DP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520DP Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM84520DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 14Page - ELAN Microelectronics Corp EM84520DP Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
11
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
DC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
I
PL
70
-
-
µA
low input reference current
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
I
Ph
-
-
106
µA
high input reference current
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
V
PI1
0.8
-
1.2
V
input current
(input impedance) (80
µA)
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
V
PI2
1.5
-
2.1
V
input current
(input impedance) (500
µA)
L,M,R,OPT,Z1,Z2 (key mode)
Vail
-
-
1.5
V
input low voltage
L,M,R,OPT,Z1,Z2 (key mode)
Vaih
3.5
-
-
V
input high voltage
Z1,Z2 (voltage mode)
Vs
-0.3
-
+0.3
V
sensitivity
L,M,R,Z1,Z2 (key & voltage mode)
Imi
18
-
56
µA
input current
(Vin=5V)
OPT
Ixi
-18
-
-56
µA
input current
OPT
Vopt
4.5
-
-
V
high output current
(Iopt=20mA)
L,M,R,X1,X2,Y1,Y2,Z1,Z2
Iil
0
-
-1.0
µA
input leakage current
(Vin=0V)
OPT
Iih
0
-
1.0
µA
input leakage current
(Vin=5V)
OSC.OUT
Iosc
3
-
3.6
mA
Sink current
ABSOLUTE MAXIMUM RATINGS
Parameter
Ratings
Unit
Min.
Max.
Temperature under bias
0
70
°C
Storage temperature range
-65
150
°C
Supply voltage
-0.3
7.5
V
Power dissipation
-
500
mW


Similar Part No. - EM84520DP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AM EMC-EM84502AM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AP EMC-EM84502AP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BM EMC-EM84502BM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BP EMC-EM84502BP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
More results

Similar Description - EM84520DP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
   2-IN-ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
   PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
   ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com