Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM84520CP Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM84520CP
Description  2-IN-ONE SCROLLING MOUSE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84520CP Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM84520CP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84520CP Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EM84520
2-IN-ONE SCROLLING MOUSE CONTROLLER
10
* This specification are subject to be changed without notice.
6.28.1999
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
Value
Rate per second
1
2.7
2
6.4
3
9.2
4
12.8
515
618
720
(d) Voltage-sensing mode : There are 7 voltage levels in Z1, Z2 input. The transmission table is the same as
key-switches mode. The relationship between the value of Z-axis counter and the voltage as folllows :
Value
Voltage
01V
1
1.0V-1.6V
2
1.6V-2.2V
3
2.2V-2.8V
4
2.8V-3.4V
5
3.4V-4.0V
6
4.0V-4.6V
74.6V
Under V
DD=5V condition.
(e) Mechanical mode : The same as optical wheel mode.


Similar Part No. - EM84520CP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84502 EMC-EM84502 Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AM EMC-EM84502AM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502AP EMC-EM84502AP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BM EMC-EM84502BM Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
EM84502BP EMC-EM84502BP Datasheet
85Kb / 12P
   PS/2 MOUSE ENCODER
More results

Similar Description - EM84520CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC84520 ETC-SC84520 Datasheet
185Kb / 19P
   TWO IN ONE SCROLLING MOUSE CONTROLLER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
EM84530 EMC-EM84530 Datasheet
84Kb / 14P
   2-IN-ONE MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
   PS/2 SCROLLING MOUSE CONTROLIER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
   ALL IN ONE MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
   ALL IN ONE MOUSE CONTROLLER
EM83807 EMC-EM83807 Datasheet
52Kb / 7P
   ALL-IN-ONE PLUG & PLAY 3-BUTTON SERIAL MOUSE CONTROLLER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com