Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM84510CP Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM84510CP
Description  PS/2 SCROLLING MOUSE CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510CP Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM84510CP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 10Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84510CP Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
10
* This specification are subject to be changed without notice.
5.30.2001
DC ELECTRICAL CHARACTERISTICS (T
A=25°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Operating voltage
V
DD
4.5
5
5.5
V
Operating current
(no load)
I
Op
-
-
1.2
mA
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
I
PL
60
-
-
µA
low input reference current
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
I
Ph
-
-
110
µA
high input reference current
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
V
PI
0.8
-
1.2
V
input current
(input impedance) (80
µA)
X1,X2,Y1,Y2,Z1,Z2 (photo mode)
V
PI
1.5
-
2.8
V
input current
(input impedance) (500
µA)
CLK, DATA postive-going
Vt+
0.6V
DD
-
0.8V
DD
V
threshold voltage
CLK, DATA negative-going
Vt -
0.2V
DD
-
0.4V
DD
V
threshold voltage
L,M,R,OPT,Z1,Z2 (key mode) input low voltage
Vail
-
-
0.3V
DD
V
L,M,R,OPT,Z1,Z2 (key mode) input high voltage
Vaih
0.7V
DD
--
V
L,M,R,Z1,Z2 (key & voltage mode)
Rmi
92
-
310
K
input resistor
(Vin=V
DD)
OPT input resistor
(Vin=V
DD)
Rxi
133
-
400
K
DATA, CLK input current
Idc
0.56
-
1.86
mA
(pull up resistor)
(Vin=0V )
DATA,CLK low output voltage
(Iprl=-4mA)
Vprl
-
-
0.4
V
L,M,R,X1,X2,Y1,Y2,Z1,Z2, OPT
Iil
0
-
-1.0
µA
input leakage current
(Vin=0V)
OPT high output current
V
DD=4.5V
3.2
-
-
(Iopt=10mA)
V
DD=5V
Idc
4.5
-
-
V
V
DD=5.5V
5.5
-
-
ABSOLUTE MAXIMUM RATINGS
Parameter
Sym.
Ratings
Unit
Temperature under bias
T
OPR
0~70
°C
Storage temperature range
T
STR
-65~150
°C
Input voltage
V
IN
-0.3~6.0
V
Output voltage
V
O
-0.3~6.0
V


Similar Part No. - EM84510CP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
   Mouse Controller
More results

Similar Description - EM84510CP

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
   PS/2 SCROLLING MOUSE CONTROLIER
logo
ELAN Microelectronics C...
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
   2-IN-ONE SCROLLING MOUSE CONTROLLER
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
   USB & PS/2 Mouse Controller
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com