Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-802SR Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-802SR
Description  0.8 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-802SR Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-802SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-802SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.8
INCH
DUAL
DIGITS
DISPLAY
C-802SR G/W
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN of ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-12-11-0010G
DATE : 2011-01-18
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-802SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-802E PARALIGHT-C-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
More results

Similar Description - C-802SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-802E PARALIGHT-C-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822A9 CHINASEMI-CSD-822A9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822G CHINASEMI-CSD-822G Datasheet
173Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822T9 CHINASEMI-CSD-822T9 Datasheet
177Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822S CHINASEMI-CSD-822S Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-802SR PARALIGHT-A-802SR Datasheet
199Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-822M9 CHINASEMI-CSD-822M9 Datasheet
176Kb / 5P
   0.8 Inch Dual Digits Display
CSD-822V9 CHINASEMI-CSD-822V9 Datasheet
171Kb / 5P
   0.8 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-802E PARALIGHT-A-802E Datasheet
200Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
A-802G-A PARALIGHT-A-802G-A Datasheet
219Kb / 10P
   0.8 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com