Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-502G Datasheet(PDF) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-502G
Description  0.5 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-502G Datasheet(HTML) 8 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-502G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-502G Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
0.5
INCH
DUAL
DIGITS
DISPLAY
C-502G G/W
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-12-11-0262G
DATE : 2011-07-28
Page : 8
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Similar Part No. - C-502G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-502G-10 ETC-C-502G-10 Datasheet
111Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-502G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSD-528G CHINASEMI-CSD-528G Datasheet
172Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528E CHINASEMI-CSD-528E Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528M9 CHINASEMI-CSD-528M9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528V9 CHINASEMI-CSD-528V9 Datasheet
170Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528A9 CHINASEMI-CSD-528A9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-502E PARALIGHT-A-502E Datasheet
200Kb / 10P
   0.5 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-528S CHINASEMI-CSD-528S Datasheet
175Kb / 5P
   0.5 Inch Dual Digits Display
CSD-528T9 CHINASEMI-CSD-528T9 Datasheet
176Kb / 5P
   0.5 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-502E PARALIGHT-C-502E Datasheet
199Kb / 10P
   0.5 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-528B7 CHINASEMI-CSD-528B7 Datasheet
171Kb / 5P
   0.5 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com