Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-402UB-10 Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-402UB-10
Description  0.4 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-402UB-10 Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-402UB-10 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-402UB-10 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.4
INCH
DUAL
DIGITS
DISPLAY
C-402UB-10
REV:A / 1
FEATURES
Û
10.16mm (0.4 inch ) DIGIT HEIGHT
Û
COMMON CATHODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
ROHS COMPLIANCE
Û
HIGHLIGHT<400V THE LED CAN WITHSTAND THE MAX STATIC LEVEL
WHEN ASSEMBLING OR OPERATION
Raw Material : GaInN/GaN
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
ULTRA BLUE
UNIT
PD
Power Dissipation Per Segment
80
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
10
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
60
mA
Derating Linear From 25
BC Per Segment
0.4
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN. TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
3.5
4.0
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
462
nm
lD
Dominant Wavelength
IF = 20mA
467
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
6.0
15.0
mcd
DRAWING NO. : DS-12-05-XXXX
DATE : 2013-04-10
Page : 3
Release
by
PARALIGHTDCC


Similar Part No. - C-402UB-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-402E ETC-C-402E Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-402E-L10-EP PARALIGHT-C-402E-L10-EP Datasheet
209Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
logo
List of Unclassifed Man...
C-402G ETC-C-402G Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-402G PARALIGHT-C-402G Datasheet
209Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402G-10-L14 PARALIGHT-C-402G-10-L14 Datasheet
210Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results

Similar Description - C-402UB-10

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402UB-A PARALIGHT-A-402UB-A Datasheet
195Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402Y PARALIGHT-A-402Y Datasheet
206Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-424G CHINASEMI-CSD-424G Datasheet
173Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424T9 CHINASEMI-CSD-424T9 Datasheet
176Kb / 5P
   0.4 Inch Dual Digits Display
CSD-424V9 CHINASEMI-CSD-424V9 Datasheet
172Kb / 5P
   0.4 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C-402G PARALIGHT-C-402G Datasheet
209Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402SR PARALIGHT-C-402SR Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
C-402Y PARALIGHT-C-402Y Datasheet
208Kb / 11P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com