Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-392E Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-392E
Description  0.39 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-392E Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-392E Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-392E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.39
INCH
DUAL
DIGITS
DISPLAY
C-392E
REV:A / 3
FEATURES
Û
9.90mm (0.39 inch ) DIGIT HEIGHT
Û
COMMON CATHODE
Û I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
HI.EFFI RED
UNIT
PD
Power Dissipation Per Segment
75
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
25
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25
BC Per Segment
0.33
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST CONDITION MIN.
TYP.
MAX. UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
2.1
2.8
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
632
nm
lD
Dominant Wavelength
IF = 20mA
622
nm
Δl
Spectral Line Half-Width
IF = 20mA
35
nm
IV
Luminous Intensity Per Segment
IF = 10mA
0.72
1.8
mcd
DRAWING NO. : DS-12-03-0007
DATE : 2013-04-11
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Similar Part No. - C-392E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-392E ETC-C-392E Datasheet
107Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-392E

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-392SR-L24 PARALIGHT-A-392SR-L24 Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392G PARALIGHT-C-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392E-L165-EP-A PARALIGHT-A-392E-L165-EP-A Datasheet
213Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392G PARALIGHT-A-392G Datasheet
198Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
A-392Y PARALIGHT-A-392Y Datasheet
196Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
C-392SR-EP-A PARALIGHT-C-392SR-EP-A Datasheet
203Kb / 10P
   0.39 INCH DUAL DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
PARA LIGHT ELECTRONICS ...
A-362G-L60 PARALIGHT-A-362G-L60 Datasheet
197Kb / 10P
   0.36 INCH DUAL DIGITS DISPLAY
A-402G PARALIGHT-A-402G Datasheet
215Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
A-402G-10 PARALIGHT-A-402G-10 Datasheet
201Kb / 10P
   0.4 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com