Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV21W Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAV21W
Description  SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV21W Datasheet(HTML) 3 Page - Diodes Incorporated

  BAV21W Datasheet HTML 1Page - Diodes Incorporated BAV21W Datasheet HTML 2Page - Diodes Incorporated BAV21W Datasheet HTML 3Page - Diodes Incorporated BAV21W Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV19W - BAV21W
Document number: DS12024 Rev. 21 - 2
3 of 4
www.diodes.com
October 2013
© Diodes Incorporated
BAV19W - BAV21W
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
0.0001
0.01
0.001
0.1
1
10
100
050
100
200
150
250
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0.0
0.5
1.0
1.5
3.5
3.0
2.5
2.0
4.0
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
SOD123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15

0
All Dimensions in mm
Dimensions
Value (in mm)
G
2.250
X
0.900
X1
4.050
Y
0.950
K
L
M
C
H
B
A
Y
X
X1
G


Similar Part No. - BAV21W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV21W PANJIT-BAV21W Datasheet
54Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Shanghai Shunye Electro...
BAV21W SHUNYE-BAV21W Datasheet
925Kb / 2P
   FAST SWITCHING DIODES
logo
Taiwan Semiconductor Co...
BAV21W TSC-BAV21W Datasheet
95Kb / 1P
   410 mW High Voltage SMD Switching Diode
logo
Zibo Seno Electronic En...
BAV21W ZSELEC-BAV21W Datasheet
91Kb / 3P
   Silicon Epitaxial Planar Diodes
logo
SAMYANG ELECTRONICS CO....
BAV21W SAMYANG-BAV21W Datasheet
706Kb / 3P
   Small-Signal Switching Diodes
More results

Similar Description - BAV21W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com