Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C302SR-NW Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C302SR-NW
Description  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C302SR-NW Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C302SR-NW Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C302SR-NW Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
C302SR-NW
B/W
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned
to normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-12-12-0084G
DATE : 2012-05-09
Page :6
Fig.3
Fig.2
Release
by
PARALIGHTDCC


Similar Part No. - C302SR-NW

ManufacturerPart #DatasheetDescription
logo
Powerbox
C302 POWERBOX-C302 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Hubbell Incorporated.
C3020003 HUBBELL-C3020003 Datasheet
363Kb / 1P
   Anchor, Tool, Expanding Bar - 10ft
C3020004 HUBBELL-C3020004 Datasheet
363Kb / 1P
   Anchor, Tool, Expanding Bar - 12ft
logo
IMP, Inc
C3025 IMP-C3025 Datasheet
26Kb / 2P
   Process C3025 CMOS 3Um 10 Volt Analog
logo
Pulse A Technitrol Comp...
C3027 PULSE-C3027 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - C302SR-NW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com