Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C-302E-A Datasheet(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-302E-A
Description  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-302E-A Datasheet(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  C-302E-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-302E-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
C-302E-A G/W
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: with 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN
FLUX
” is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-12-09-0010
DATE : 2009-02-19
Page : 5
Fig.1
Release
by
PARALIGHTDCC


Similar Part No. - C-302E-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-302E ETC1-C-302E Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Similar Description - C-302E-A

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
A-302E PARALIGHT-A-302E Datasheet
201Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C302SR-NW PARALIGHT-C302SR-NW Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com