Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32674D3225 Datasheet(PDF) 10 Page - EPCOS

Part # B32674D3225
Description  Metallized Polypropylene Film Capacitors (MKP)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32674D3225 Datasheet(HTML) 10 Page - EPCOS

Back Button B32674D3225 Datasheet HTML 6Page - EPCOS B32674D3225 Datasheet HTML 7Page - EPCOS B32674D3225 Datasheet HTML 8Page - EPCOS B32674D3225 Datasheet HTML 9Page - EPCOS B32674D3225 Datasheet HTML 10Page - EPCOS B32674D3225 Datasheet HTML 11Page - EPCOS B32674D3225 Datasheet HTML 12Page - EPCOS B32674D3225 Datasheet HTML 13Page - EPCOS B32674D3225 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Ordering codes and packing units (lead spacing 52.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 300 V DC, Vop,70 °C = 450 V DC
40
30.0
× 45.0 × 57.5 20.3 B32678G3406+000 19.0
18.0
1.9
280
47
35.0
× 50.0 × 57.5 20.3 B32678G3476+000 21.0
20.0
1.7
108
60
35.0
× 50.0 × 57.5 20.3 B32678G3606K000 23.0
22.0
1.6
108
VR,85 °C = 450 V DC, Vop,70 °C = 630 V DC
30
35.0
× 50.0 × 57.5 20.3 B32678G4306+000 19.5
18.5
2.1
108
35
35.0
× 50.0 × 57.5 20.3 B32678G4356+000 21.0
20.0
1.7
108
40
35.0
× 50.0 × 57.5 20.3 B32678G4406K000 22.0
21.0
1.5
108
VR,85 °C = 630 V DC, Vop,70 °C = 800 V DC
20
35.0
× 50.0 × 57.5 20.3 B32678G6206+000 17.5
16.5
2.9
108
25
35.0
× 50.0 × 57.5 20.3 B32678G6256+000 20.0
19.0
2.6
108
VR,85 °C = 750 V DC, Vop,70 °C = 900 V DC
15
30.0
× 45.0 × 57.5 20.3 B32678G1156K000 20.0
19.5
3.7
280
20
35.0
× 50.0 × 57.5 20.3 B32678G1206K000 21.0
20.0
2.6
108
VR,85 °C = 875 V DC, Vop,70 °C = 1050 V DC
15
35.0
× 50.0 × 57.5 20.3 B32678G8156K000 21.0
20.0
3.4
108
B32678
MKP DC link
high power series
Page 10 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D3225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32674D3225 EPCOS-B32674D3225 Datasheet
370Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32674D3225+000 EPCOS-B32674D3225+000 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32674D3225

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32651 EPCOS-B32651_11 Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32794D2635K EPCOS-B32794D2635K Datasheet
303Kb / 19P
   Metallized Polypropylene Film Capacitors (MKP)
B32621A6223J EPCOS-B32621A6223J Datasheet
525Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
MKP-B3267P TDK-MKP-B3267P Datasheet
494Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
logo
EPCOS
B32778G406K EPCOS-B32778G406K Datasheet
280Kb / 21P
   Metallized Polypropylene Film Capacitors (MKP)
B32652A3334J EPCOS-B32652A3334J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
B32674 EPCOS-B32674_11 Datasheet
326Kb / 22P
   Metallized Polypropylene Film Capacitors (MKP)
B32654A474J EPCOS-B32654A474J Datasheet
503Kb / 18P
   Metallized Polypropylene Film Capacitors (MKP)
B32653A1473J EPCOS-B32653A1473J Datasheet
657Kb / 39P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32674 TDK-B32674_16 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com