Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS3472ND200 Datasheet(PDF) 10 Page - Kemet Corporation

Part # ALS3472ND200
Description  Screw Terminal Aluminum Electrolytic Capacitors ALS30/31 Series, 85째C
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS3472ND200 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button ALS3472ND200 Datasheet HTML 6Page - Kemet Corporation ALS3472ND200 Datasheet HTML 7Page - Kemet Corporation ALS3472ND200 Datasheet HTML 8Page - Kemet Corporation ALS3472ND200 Datasheet HTML 9Page - Kemet Corporation ALS3472ND200 Datasheet HTML 10Page - Kemet Corporation ALS3472ND200 Datasheet HTML 11Page - Kemet Corporation ALS3472ND200 Datasheet HTML 12Page - Kemet Corporation ALS3472ND200 Datasheet HTML 13Page - Kemet Corporation ALS3472ND200 Datasheet HTML 14Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
A4031_ALS30_31 • 4/3/2014
Screw Terminal Aluminum Electrolytic Capacitors – ALS30/31 Series, +85°C
VDC
Rated
Capacitance Size Code
Case Size
Ripple Current
ESR
Maximum
Impedance
Maximum
Part Number
100 Hz
20°C (µF)
D x L (mm)
100 Hz
85°C (A)
10 kHz
85°C (A)
100 Hz
20°C (mΩ)
10 kHz
20°C (mΩ)
500
220
DE
36 x 82
2.7
4.8
635
386
ALS3(1)(2)221DE500
500
330
DE
36 x 82
3.2
5.7
450
350
ALS3(1)(2)331DE500
500
330
DF
36 x 105
3.5
6.2
420
258
ALS3(1)(2)331DF500
500
470
KE
51 x 82
4.4
7.5
365
194
ALS3(1)(2)471KE500
500
680
KF
51 x 105
5.7
9.6
255
133
ALS3(1)(2)681KF500
500
1000
ND
77 x 75
7.6
12.2
173
109
ALS3(1)(2)102ND500
500
1000
MF
66 x 105
8.1
13.8
175
96
ALS3(1)(2)102MF500
500
1500
NF
77 x 105
10.6
17
120
65
ALS3(1)(2)152NF500
500
1500
QC
90 x 67
9.5
14.3
110
87
ALS3(1)(2)152QC500
500
1500
QD
90 x 75
10.1
15.9
119
76
ALS3(1)(2)152QD500
500
2200
QH
90 x 98
13.7
21.1
80
50
ALS3(1)(2)222QH500
500
2200
NP
77 x 146
14.3
21.8
80
44
ALS3(1)(2)222NP500
500
3300
NP
77 x 146
15.3
22.6
54
39
ALS3(1)(2)332NP500
500
3300
QP
90 x 146
19
28.3
51
32
ALS3(1)(2)332QP500
500
4700
NT
77 x 220
24.3
33.3
37
24
ALS3(1)(2)472NT500
500
6800
QT
90 x 220
26.5
41.3
27
22
ALS3(1)(2)682QT500
VDC
Rated
Capacitance
Size Code
Case Size
Ripple Current
ESR
Impedance
Part Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Mounting Code: 0 = plain can, 1 = threaded mounting stud
(2) Termination Code: See Termination Tables for available options


Similar Part No. - ALS3472ND200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALS34 KEMET-ALS34 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
ALS34 KEMET-ALS34 Datasheet
606Kb / 8P
   IEC 60384-4 Long Life Grade 40/85/56
More results

Similar Description - ALS3472ND200

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
271LKP450M ILLINOISCAPACITOR-271LKP450M Datasheet
412Kb / 6P
   85째C Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSA RUBYCON-LSA Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSH RUBYCON-LSH Datasheet
201Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Kemet Corporation
ALS30A153DA025 KEMET-ALS30A153DA025 Datasheet
4Mb / 14P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS70A303DA025 KEMET-ALS70A303DA025 Datasheet
7Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
ALS80A303DA025 KEMET-ALS80A303DA025 Datasheet
4Mb / 15P
   Screw Terminal Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
LSG RUBYCON-LSG Datasheet
180Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSC RUBYCON-LSC Datasheet
202Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LSW RUBYCON-LSW_15 Datasheet
195Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
LUR RUBYCON-LUR Datasheet
268Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com