Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALM-2712 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-2712
Description  GPS Filter-LNA-Filter Front-End Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-2712 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-2712 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-2712 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Rating[1] TA=25°C
Symbol
Parameter
Units
Absolute
Max.
Vdd
Device Drain to Source Voltage[2]
V
3.6
Idd
Drain Current[2]
mA
20
Pin,max
CW RF Input Power (Vdd = 2.7V, Idd = 7.5mA)
dBm
15
Pdiss
Total Power Dissipation[4]
mW
72
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [3]
(Vdd = 2.7V, Idd = 7.5mA),
jc = 92°C/W
Notes:
1. Operation of this device in excess of any of
these limits may cause permanent damage.
2. Assuming DC quiescent conditions.
3. Thermal resistance measured using Infra-Red
measurement technique.
4. Board (module belly) temperature TB is 25°C.
Derate 10.87 mW/°C for TB>143°C.
Electrical Specifications
TA = 25°C, Freq = 1.575GHz, measured on demo board[1] unless otherwise specified – Typical Performance[1]
Table 1. Performance at Vdd = Vsd = 2.7V, Idd = 7.5mA (Rbias = 6.8k Ohm) nominal operating conditions
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
12
14.2
16.3
NF[2]
Noise Figure
dB
1.26
1.7
IP1dB
Input 1dB Compressed Power
dBm
+2
IIP3[3]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
0
+5
S11
Input Return Loss
dB
-9
S22
Output Return Loss
dB
-12
S12
Reverse Isolation
dB
-22
Low Band Rejection
Worst-case relative to 1.575GHz within
(827-928)MHz band, tested at 928MHz
dBc
7989–
High Band Rejection
Worst-case relative to 1.575GHz within
(1710-1980)MHz band, tested at 1850MHz
dBc
7480–
WLAN Band Rejection
Worst-case relative to 1.575GHz within
(2400-2500)MHz band, tested at 2500MHz
dBc
6772–
IP1dB890MHz
Input 1dB gain compression interferer signal level at
890MHz
dBm
21
IP1dB1710MHz
Input 1dB gain compression interferer signal level at
1710MHz
dBm
32
IP1dB1885MHz
Input 1dB gain compression interferer signal level at
1885MHz
dBm
37
IP1dB2500MHz
Input 1dB gain compression interferer signal level at
2500MHz
dBm
35
-
OOB IIP3[4]
Out of Band Input 3rd Order Intercept Point
(2-tone @ 1712.7 MHz and 1850MHz)
dBm
62
Idd
Supply DC current at Shutdown (SD) voltage Vsd = 2.7V
mA
4
7.5
15
Ish
Shutdown Current @ VSD = 0V
uA
0.5
110


Similar Part No. - ALM-2712

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
More results

Similar Description - ALM-2712

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1712 BOARDCOM-ALM-1712 Datasheet
288Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 BOARDCOM-ALM-GP001 Datasheet
743Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2712 AVAGO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
ALM-1712-BLKG AVAGO-ALM-1712-BLKG Datasheet
289Kb / 17P
   GPS Filter-LNA-Filter Front-End Module
ALM-GP001 AVAGO-ALM-GP001 Datasheet
824Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
Broadcom Corporation.
DEMO-ALM-2712 BOARDCOM-DEMO-ALM-2712 Datasheet
339Kb / 19P
   GPS Filter-LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1412 AVAGO-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
Broadcom Corporation.
ALM-1612 BOARDCOM-ALM-1612 Datasheet
325Kb / 17P
   GPS LNA-Filter Front-End Module
ALM-1412 BOARDCOM-ALM-1412 Datasheet
192Kb / 16P
   GPS LNA-Filter Front-End Module
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2412 AVAGO-ALM-2412 Datasheet
265Kb / 13P
   GPS LNA-Filter Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com