Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADRCC0006 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MADRCC0006
Description  Single Driver for GaAs FET Switches and Attenuators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADRCC0006 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MADRCC0006 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADRCC0006 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADRCC0006 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADRCC0006 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADRCC0006 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single Driver for GaAs FET Switches and Attenuators
Rev. V5
MADRCC0006, MADR-009151-000DIE
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• High Speed CMOS Technology
• Single Channel
• Positive Voltage Control
• Low Power Dissipation
• Low Cost Plastic SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• MADRCC0006 is RoHS* Compliant Version of
SWD-109
Description
The MADRCC0006 is a single channel driver used
to translate TTL control inputs into gate control
voltages for GaAs FET microwave switches and
attenuators. High speed analog CMOS technology
is utilized to achieve low power dissipation at
moderate to high speeds, encompassing most
microwave switching applications. The output HIGH
level is optionally 0 to +2.0V (relative to GND) to
optimize the intermodulation products of the control
devices at low frequencies.
Ordering Information
Part Number
Package
1.
Reference Application Note M513 for reel size
information.
2.
Die sales are available in waffle packs in increments of 100
pieces.
Functional Schematic
Pin Configuration
3
Pin No.
Function
1
Output A
2
GND
3
Vcc
4
C1, Logic
5
Vee
6
Vopt
7
GND
8
Output B
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
1
Part Number
Package
MADRCC0006
SOIC-8
MADRCC0006TR
1000 piece reel of SOIC-8
MADR-0009151-000DIE
Die
2
3.
The bottom of the die should be isolated for part number
MADR-009151-000DIE.


Similar Part No. - MADRCC0006

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006TR MA-COM-MADRCC0006TR Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006_15 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
More results

Similar Description - MADRCC0006

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DR65-0109 MACOM-DR65-0109_1 Datasheet
149Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
DR65-0109 MACOM-DR65-0109 Datasheet
213Kb / 2P
   Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
DR65-0109 MA-COM-DR65-0109 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
SWD-109-PIN MA-COM-SWD-109-PIN Datasheet
84Kb / 4P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0005 MA-COM-MADRCC0005_15 Datasheet
563Kb / 4P
   Single Driver for GaAs FET Switches and Attenuators
logo
Clare, Inc.
MX856 CLARE-MX856 Datasheet
189Kb / 7P
   Single Driver for GaAs FET Switches and Attenuators
logo
M/A-COM Technology Solu...
MADRCC0005 MA-COM-MADRCC0005 Datasheet
68Kb / 3P
   Single Driver for GaAs FET Switches and Attenuators
MADRCC0006 MA-COM-MADRCC0006_15 Datasheet
89Kb / 5P
   Single Driver for GaAs FET Switches and Attenuators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com