Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5562IRGZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5562IRGZT
Description  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5562IRGZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS5562IRGZT Datasheet HTML 4Page - Texas Instruments ADS5562IRGZT Datasheet HTML 5Page - Texas Instruments ADS5562IRGZT Datasheet HTML 6Page - Texas Instruments ADS5562IRGZT Datasheet HTML 7Page - Texas Instruments ADS5562IRGZT Datasheet HTML 8Page - Texas Instruments ADS5562IRGZT Datasheet HTML 9Page - Texas Instruments ADS5562IRGZT Datasheet HTML 10Page - Texas Instruments ADS5562IRGZT Datasheet HTML 11Page - Texas Instruments ADS5562IRGZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Dn_Dn+1_P
Dn_Dn+1_P
Dn_Dn+1_M
Dn_Dn+1_M
GND
GND
V
* With external 100-
termination
W
V
OCM
Logic0
V
= –350mV*
ODL
Logic1
V
=350mV*
ODH
T0334-01
ADS5560
ADS5562
SLWS207A – MAY 2008 – REVISED MAY 2012
www.ti.com
DIGITAL CHARACTERISTICS
DC specifications refer to the condition where the digital outputs are not switching, but are permanently at a valid logic level 0
or 1, AVDD = 3.0V to 3.6V, IO = 3.5 mA, RL = 100 Ω
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
33
μA
Low-level input current
-33
μA
Input capacitance
4
pF
DIGITAL OUTPUTS – CMOS MODE
High-level output voltage
DRVDD
V
Low-level output voltage
0
V
Output capacitance
Capacitance inside the device from each output pin to
4
pF
ground
DIGITAL OUTPUTS – LVDS MODE
VODH High-level output voltage
+350
mV
VODL Low-level output voltage
-350
mV
VOCM Output common-mode
1.2
V
voltage
Output capacitance
Capacitance inside the device from each output pin to
4
pF
ground
(1)
All LVDS and CMOS specifications are characterized, but not tested at production.
(2)
IO refers to the LVDS buffer current setting; RL is the differential load resistance between the LVDS output pair.
Figure 1. LVDS Output Voltage Levels
8
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated
Product Folder Link(s): ADS5560 ADS5562


Similar Part No. - ADS5562IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5562IRGZT TI-ADS5562IRGZT Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5562IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com