Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM83040A Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM83040A
Description  LCD CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83040A Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM83040A Datasheet HTML 1Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 2Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 3Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 4Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 5Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 6Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 7Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 8Page - ELAN Microelectronics Corp EM83040A Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
* This specification are subject to be changed without notice.
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
EM83040A
LCD CONTROLLER
5.31.2001
RAMEN
RAMADS
RAMD(3:0)
RAMW
RAMR
A3
A2
A1
D1
D2
D3
RAM enable
RAM disable
ADDRESS
DATA
A3=address (11:8)
A2=address(7:4)
A1=address(3:0)
Ten
Tdv
Tdh
Tdd
Fig.4
address2559 ...................
address0031 ...................
address0063 ...................
address0051 ................... ..................................... ..........................
address1023 ...................
address1535 ...................
address2047 ...................
address2547 ......................................................................................................................... address2528
address2035 ......................................................................................address2019...............address2016
address1523 ............................................................address1511........................................address1504
address1011 .......................address1003 ............................................................................. address0992
LCD RAM
Area 10
Area 11
Area 9
Area 8
Area 5
Area 6
Area 7
Area 4
Area 3
Area 2
Area 1
Address 2560
Control register
Address 2560
Control register
EMPTY AREA
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
................................... address0032
address0019 ...................
s80s79s78s77
s4 s3 s2 s1
s48
s32
s16
address0011................ address7........... address0003............... address0000
COM80
COM64
COM48
COM32
COM2
COM1
Fig.5
As same as write mode , user has to sent address three times. And read data from RAM one by one which
address can be increased by internal counter. NOTE!! Be sure to make RAMR low pulse 2
µS (Tdv+data)
width and 2
µS (Tdd) high width at least.
(5) RAM mapping
RAM address is from 0 to address 2559
User fill “1” to LCD RAM , LCD driver will generate “light” waveform. Otherwise , it will generate a
“dark” waveform. The LCD RAM area is mapped to segment 1 to segment 80 from address 0 to address
19. And user can refer to fig.5 to get the idea of LCD ram mapping. The other RAM can use as general
RAM for data storage. And the RAM of address 2560 is a control register.


Similar Part No. - EM83040A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83040AQ EMC-EM83040AQ Datasheet
289Kb / 20P
   EM83040 LCD DRIVER
More results

Similar Description - EM83040A

ManufacturerPart #DatasheetDescription
logo
Generalplus Technology ...
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
   LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
   LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
   LCD Controller
logo
Generalplus Technology ...
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
   LCD CONTROLLER
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
   LCD Controller
logo
ELAN Microelectronics C...
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
   LCD CONTROLLER
logo
Generalplus Technology ...
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
   LCD Controller
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
   LCD Controller
logo
Renesas Technology Corp
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
   LCD Controller
logo
Generalplus Technology ...
GPLB30A GENERALPLUS-GPLB30A Datasheet
521Kb / 20P
   LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com