Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MACP-007727-CI07B0 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MACP-007727-CI07B0
Description  Broadband CATV, 18dB Coupler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MACP-007727-CI07B0 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MACP-007727-CI07B0 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MACP-007727-CI07B0 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MACP-007727-CI07B0 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Broadband CATV, 18dB Coupler
5-1200 MHz
MACP-007727-CI07B0
V1
3
RoHS
Compliant
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves TA = 25°C, Z0 = 75Ω
Output Return Loss
Input Return Loss
Main Line Loss
Coupling
Coupling Return Loss
Isolation
-20
-19
-18
-17
-16
5
204
403
602
802
1001
1200
Frequency (MHz)
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
5
204
403
602
802
1001
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
5
204
403
602
802
1001
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
5.0
204.2
403.3
602.5
801.6
1000.8
1200.0
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
5
204
403
602
802
1001
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
5
204
403
602
802
1001
1200
Frequency (MHz)


Similar Part No. - MACP-007727-CI07B0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MACP-007727-CI07B0 MACOM-MACP-007727-CI07B0 Datasheet
75Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
logo
M/A-COM Technology Solu...
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0_15 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler
More results

Similar Description - MACP-007727-CI07B0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0_15 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler
logo
Tyco Electronics
MACP-007727-CI07B0 MACOM-MACP-007727-CI07B0 Datasheet
75Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
logo
M/A-COM Technology Solu...
MACP-007727-CI07B0 MA-COM-MACP-007727-CI07B0 Datasheet
70Kb / 3P
   Broadband CATV, 18dB Coupler 5-1200 MHz
MACPCT0040 MA-COM-MACPCT0040 Datasheet
85Kb / 3P
   Broadband CATV, Coupler
MACP-008125-CK07F0 MA-COM-MACP-008125-CK07F0 Datasheet
99Kb / 3P
   Broadband CATV, Coupler
MACP-008125-CK07F0 MA-COM-MACP-008125-CK07F0_15 Datasheet
99Kb / 3P
   Broadband CATV, Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
DS-MACP-007741-CG09E0 MA-COM-DS-MACP-007741-CG09E0 Datasheet
171Kb / 3P
   17dB Broadband CATV, Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
MACP-010249-CI08A0 MA-COM-MACP-010249-CI08A0_15 Datasheet
181Kb / 4P
   Coupler, 18dB Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com