Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S13C Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # S13C
Description  SIDACtor Protection Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S13C Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  S13C Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD S13C Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
SXXA SXXB SXXC
SIDACtor Protection Thyristors
Package DO-214AA
Description
Fast Delivery Time
SXXA,SXXB,SXXC Series SIDACtor Protection Thyristor protect telecommunications equipment such as
ADSL Modems,Router, , Telephone, CCTV Camera,Digital Video Record,Video Capture Card,Twisted-pair
video transmitter,CATV Splitter.....Etc.
SXXA,SXXB,SXXC Series SIDACtor Protection Thyristor are used to enable equipment to meet various
regulatory requirements including GR 1089, ITU K.20/21,IEC 61000-4-5, YD/T 1082,YD/T 993,YD/T
950,TIA-968-A ,TIA-968-B
Features
Compared to surge suppression using other technologies, SXXA,SXXB,SXXC Series devices offer absolute surge protection
regardless of the surge current available and the rate of applied voltage (dv/dt). SXXA,SXXB,SXXC Series devices:
100% Lead-Free(RoHs Compliant )
Cannot be damaged by voltage
Eliminate hysteresis and heat dissipation typically found with clamping devices
Eliminate voltage overshoot caused by fast-rising transients
Are non-degenerative
Have low capacitance, making them ideal for high-speed transmission equipment
Electrical Characteristics
Parameter
Definition
VDRM
Peak Off-state Voltage — maximum voltage that can be applied while maintaining off state
VS
Switching Voltage — maximum voltage prior to switching to on state
IH
Holding Current — minimum current required to maintain on state
IS
Switching Current — maximum current required to switch to on state
IT
On-state Current — maximum rated continuous on-state current
VT
On-state Voltage — maximum voltage measured at rated on-state current
Capacitance
Off-state Capacitance — typical capacitance measured in off state
IDRM
Leakage Current — maximum peak off-state current measured at VDRM
IPP
Peak Pulse Current — maximum rated peak impulse current
ITSM
Peak One-cycle Surge Current — maximum rated one-cycle AC current
di/dt
Rate of Rise of Current — maximum rated value of the acceptable rate of rise in current over time
1
Revised:February 25,2014
www.huaandz.com


Similar Part No. - S13C

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
S13 YANGJIE-S13 Datasheet
105Kb / 2P
   Schottky Rectifier
logo
RFE international
S13 RFE-S13 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-14-2022
logo
Harwin Plc
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
logo
List of Unclassifed Man...
S1300 ETC-S1300 Datasheet
1Mb / 16P
   POSITION SENSITIVE DETECTOR
logo
Roithner LaserTechnik G...
S1300-5MG-BL ROITHNER-S1300-5MG-BL Datasheet
675Kb / 4P
   Un-cooled Laser diode with MQW structure Wide operation temperature range
More results

Similar Description - S13C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com