Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S23A Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # S23A
Description  SIDACtor Protection Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

S23A Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  S23A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD S23A Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(SIDACtor Protection Thyristors )
Electrical Characteristics
Part Number
VDRM
@IDRM=5μA
VS
@100V/
μs
IH
IS
IT
VT
@IT=2.2Amps
Capacitance
@1MHz,2V bias
V min
V max
mA min
mA max
A max
Vmax
pF
S008A
6
25
50
800
2.2
4
45
S03A
25
40
50
800
2.2
4
45
S06A
58
77
150
800
2.2
4
35
S07A
65
88
150
800
2.2
4
50
S09A
75
98
150
800
2.2
4
40
S11A
90
130
150
800
2.2
4
35
S13A
120
160
150
800
2.2
4
35
S15A
140
180
150
800
2.2
4
40
S18A
170
220
150
800
2.2
4
40
S21A
180
240
150
800
2.2
4
40
S23A
190
260
150
800
2.2
4
45
S26A
220
300
150
800
2.2
4
35
S31A
275
350
150
800
2.2
4
35
S35A
320
400
150
800
2.2
4
30
S008B
6
25
50
800
2.2
4
60
S03B
25
40
50
800
2.2
4
65
S06B
58
77
150
800
2.2
4
45
S07B
65
88
150
800
2.2
4
45
S09B
75
98
150
800
2.2
4
40
S11B
90
130
150
800
2.2
4
40
S13B
120
160
150
800
2.2
4
40
S15B
140
180
150
800
2.2
4
35
S18B
170
220
150
800
2.2
4
65
S21B
180
240
150
800
2.2
4
60
2
Table continues on next page
Revised:February 25,2014
www.huaandz.com


Similar Part No. - S23A

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
S23A HUAXINAN-S23A Datasheet
324Kb / 6P
   SIDACtor Protection Thyristors
More results

Similar Description - S23A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SDP0080Q38CB LITTELFUSE-SDP0080Q38CB Datasheet
912Kb / 5P
   SIDACtor Protection Thyristors
P3403ACMCL LITTELFUSE-P3403ACMCL Datasheet
1Mb / 4P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SB HUAXINAN-P2000SB Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P20C HUAXINAN-P20C Datasheet
294Kb / 4P
   SIDACtor Protection Thyristors
PXXXC HUAXINAN-PXXXC Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
P0080ECMCL HUAXINAN-P0080ECMCL Datasheet
332Kb / 6P
   SIDACtor Protection Thyristors
P0080SCMCLRP HUAXINAN-P0080SCMCLRP Datasheet
314Kb / 5P
   SIDACtor Protection Thyristors
P11LA HUAXINAN-P11LA Datasheet
320Kb / 6P
   SIDACtor Protection Thyristors
logo
Littelfuse
P0300SCRP LITTELFUSE-P0300SCRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
logo
HuaXinAn Electronics CO...
P2000SALRP HUAXINAN-P2000SALRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
P2000SCLRP HUAXINAN-P2000SCLRP Datasheet
292Kb / 4P
   SIDACtor Protection Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com