Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2060M Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. 2N2060M
Description  SILICON DUAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 2 page
background image
2N2060M
SILICON
DUAL NPN TRANSISTOR
TO-78 CASE - MECHANICAL OUTLINE
MARKING: FULL PART NUMBER
MATCHING CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=100μA
0.9
1.0
hFE1/hFE2 (Note 1)
VCE=5.0V, IC=1.0mA
0.9
1.0
|VBE1-VBE2|
VCE=5.0V, IC=100μA
5.0
mV
|VBE1-VBE2|
VCE=5.0V, IC=1.0mA
5.0
mV
Notes: (1) The lowest reading is taken as hFE1.
www.centr a lsemi.com
R1 (2-December 2013)




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl