Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3438x-250 Datasheet(PDF) 5 Page - Data Delay Devices, Inc.

Part # 3D3438x-250
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3438x-250 Datasheet(HTML) 5 Page - Data Delay Devices, Inc.

  3D3438x-250 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3438x-250 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3438x-250 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3438x-250 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D3438x-250 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D3438x-250 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3D3438
Doc #10005
DATA DELAY DEVICES, INC.
5
7/8/2010
3 Mt. Prospect Ave. Clifton, NJ 07013
DEVICE SPECIFICATIONS
TABLE 3: ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
VIN
-0.3
VDD+0.3
V
Input Pin Current
IIN
-10
10
mA
25C
Storage Temperature
TSTRG
-55
150
C
Lead Temperature
TLEAD
300
C
10 sec
TABLE 4: DC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Static Supply Current*
IDD
3.0
5.0
mA
Addr = 128
High Level Input Voltage
VIH
2.0
V
Low Level Input Voltage
VIL
0.8
V
High Level Input Current
IIH
1.0
A
VIH = VDD
Low Level Input Current
IIL
1.0
A
VIL = 0V
High Level Output
Current
IOH
-15.0
-4.0
mA
VDD = 3.0V
VOH = 2.4V
Low Level Output Current
IOL
4.0
15.0
mA
VDD = 3.0V
VOL = 0.4V
Output Rise & Fall Time
TR & TF
2.0
2.5
ns
CLD = 5 pf
*IDD(Dynamic) = CLD * VDD * F
Input Capacitance = 10 pf typical
where:
CLD = Average capacitance load/line (pf)
Output Load Capacitance (CLD) = 25 pf max
F = Input frequency (GHz)
TABLE 5: AC ELECTRICAL CHARACTERISTICS
(-40C to 85C, 3.0V to 3.6V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Clock Frequency
fC
80
MHz
Enable Width
tEW
10
ns
Clock Width
tCW
10
ns
Data Setup to Clock
tDSC
10
ns
Data Hold from Clock
tDHC
3
ns
Data Setup to Enable
tDSE
10
ns
Data Hold from Enable
tDHE
3
ns
Enable to Serial Output Valid
tEQV
20
ns
Enable to Serial Output High-Z
tEQZ
20
ns
Clock to Serial Output Valid
tCQV
20
ns
Clock to Serial Output Invalid
tCQX
10
ns
Enable Setup to Clock
tES
10
ns
Enable Hold from Clock
tEH
10
ns
Parallel Input Valid to Delay Valid
tPDV
20
40
ns
Parallel Input Change to Delay Invalid
tPDX
0
ns
Enable to Delay Valid
tEDV
35
45
ns
Enable to Delay Invalid
tEDX
0
ns
Input Pulse Width
tWI
40
% of Delay
See Table 1
Input Period
Period
80
% of Delay
See Table 1
Input to Output Delay
tPLH, tPHL
ns
See Table 2


Similar Part No. - 3D3438x-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-0.25 DATADELAY-3D3418-0.25 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-0.5 DATADELAY-3D3418-0.5 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-1 DATADELAY-3D3418-1 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D3418-2 DATADELAY-3D3418-2 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
More results

Similar Description - 3D3438x-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D7438 DATADELAY-3D7438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D7418 DATADELAY-3D7418 Datasheet
397Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com