Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3250-100 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D3250-100
Description  FIXED PULSE-WIDTH 10-TAP MILLISECOND TIMER (SERIES 3D3250)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3250-100 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D3250-100 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3250-100 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3250-100 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3250-100 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D3250
Doc #14017
DATA DELAY DEVICES, INC.
1
6/10/2014
3 Mt. Prospect Ave. Clifton, NJ 07013
FIXED PULSE-WIDTH 10-TAP
MILLISECOND TIMER
(SERIES 3D3250)
FEATURES
PINOUT
All-silicon, low-power CMOS technology
CMOS compatible inputs and outputs
Vapor phase, IR and wave solderable
Auto-insertable (DIP pkg.)
Timer range: 160ns through 16.0ms
Output Pulse Width: Equal to one clock period
Temperature/Vdd stability: Equal to that of reference clock
Minimum input pulse width: 10.0ns
FUNCTIONAL DESCRIPTION
The 3D3250 10-tap timer is designed for use in applications that require long
yet very precise time intervals. Upon receipt of a trigger, the device generates
10 pulse outputs, spaced equally in time. The output-to-output time spacing is
equal to the product of the input clock period and the device dash number.
The stability of the timer is thus limited only by the stability of the reference
clock. Each output consists of a pulse whose width is equal to one period of
the reference clock. The 3D3250 is offered in a standard 16-pin auto-
insertable DIP and a space saving surface mount 16-pin SOIC package.
PIN DESCRIPTIONS
TRG
Trigger Input
CK
Clock Input
T1-T10 Timer Outputs
VDD
+3.3 Volts
VDDA
+3.3 Volts
GND
Ground
GNDA
Ground
TABLE 1: PART NUMBER SPECIFICATIONS
PART
NUMBER
OUTPUT-TO-OUTPUT SPACING (us)
REF CLK =
31.25 MHz
REF CLK =
40.00 MHz
REF CLK =
50.00 MHz
REF CLK =
62.50 MHz
REF CLK =
80.00 MHz
3D3250-5
0.160
3D3250-10
0.320
0.250
0.200
3D3250-20
0.640
0.500
0.400
0.320
0.2500
3D3250-25
0.800
0.625
0.500
0.400
0.3125
3D3250-50
1.600
1.250
1.000
0.800
0.6250
3D3250-100
3.200
2.500
2.000
1.600
1.2500
3D3250-200
6.400
5.000
4.000
3.200
2.5000
3D3250-250
8.000
6.250
5.000
4.000
3.1250
3D3250-500
16.00
12.50
10.00
8.000
6.2500
3D3250-1K
32.00
25.00
20.00
16.00
12.500
3D3250-2K
64.00
50.00
40.00
32.00
25.000
3D3250-2.5K
80.00
62.50
50.00
40.00
31.250
3D3250-5K
160.0
125.0
100.0
80.00
62.500
3D3250-10K
320.0
250.0
200.0
160.0
125.00
3D3250-20K
640.0
500.0
400.0
320.0
250.00
3D3250-25K
800.0
625.0
500.0
400.0
312.50
3D3250-50K
1600.0
1250.0
1000.0
800.0
625.00
NOTE: Any dash number between 5 and 50K not shown is also available as standard.
2014 Data Delay Devices
For mechanical dimensions, click
here.
For package marking details, click
here.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
T1
T3
T5
T7
T9
CK
GND
VDDA
T2
T4
T6
T8
T10
TRG
GNDA
3D3250-xx
DIP-14
3D3250D-xx
SOIC-14


Similar Part No. - 3D3250-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-1.5 DATADELAY-3D3215M-1.5 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-10 DATADELAY-3D3215M-10 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-12 DATADELAY-3D3215M-12 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
More results

Similar Description - 3D3250-100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Maxim Integrated Produc...
MAX8785AEVKIT MAXIM-MAX8785AEVKIT Datasheet
186Kb / 7P
   10:1 Digital Pulse-Width Modulation (DPWM)
Rev 2; 11/09
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com