Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7438x-250 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7438x-250
Description  MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7438x-250 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7438x-250 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7438x-250 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7438x-250 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7438x-250 Datasheet HTML 4Page - Data Delay Devices, Inc. 3D7438x-250 Datasheet HTML 5Page - Data Delay Devices, Inc. 3D7438x-250 Datasheet HTML 6Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3D7438
Doc #10004
DATA DELAY DEVICES, INC.
1
7/8/2010
3 Mt. Prospect Ave. Clifton, NJ 07013
MONOLITHIC 8-BIT
PROGRAMMABLE DELAY LINE
(SERIES 3D7438)
FEATURES
PACKAGES
All-silicon, low-power CMOS technology
TTL/CMOS compatible inputs and outputs
Vapor phase, IR and wave solderable
Leading- and trailing-edge accuracy
Programmable via serial or parallel interface
Increment range: 50ps through 250ps
Delay tolerance: 0.5% (See Table 1)
Supply current: 3mA typical
Temperature stability:
1.5% max (-40C to 85C)
Vdd stability:
0.5% max (4.75V to 5.25V)
FUNCTIONAL DESCRIPTION
The 3D7438 device is a versatile 8-bit programmable monolithic delay
line. The input (IN) is reproduced at the output (OUT) without inversion,
shifted in time as per the user selection. Delay values, programmed
either via the serial or parallel interface, can be varied over 255 equal
steps according to the formula:
Ti,nom = Tinh + i * Tinc
where i is the programmed address, Tinc is the delay increment (equal
to the device dash number), and Tinh is the inherent (address zero)
delay. The device features both rising- and falling-edge accuracy.
The all-CMOS 3D7438 integrated circuit has been designed as a reliable, economic alternative to hybrid
TTL programmable delay lines. It is offered in a standard surface mount 16-pin SOL. An 8-pin SOIC
package is available for applications where the parallel interface is not needed. Similarly, a 14-pin SOIC is
offered for applications where the serial interface is not needed.
TABLE 1: PART NUMBER SPECIFICATIONS
PART
DELAYS AND TOLERANCES
INPUT RESTRICTIONS
NUMBER
Inherent
Delay (ns)
Delay
Range (ns)
Delay
Step (ps)
Max Freq
(Addr=0)
Max Freq
(Addr=255)
Min P.Width
(Addr=0)
Min P.Width
(Addr=255)
3D7438x-50
7.0
 0.5
12.750
 .05
50
 25
150 MHz
98 MHz
3.3 ns
5.1 ns
3D7438x-60
7.0
 0.5
15.300
 .06
60
 30
150 MHz
82 MHz
3.3 ns
6.1 ns
3D7438x-75
7.0
 0.5
19.125
 .08
75
 38
150 MHz
65 MHz
3.3 ns
7.6 ns
3D7438x-80
7.0
 0.5
20.400
 .08
80
 40
150 MHz
61 MHz
3.3 ns
8.1 ns
3D7438x-100
7.0
 0.5
25.500
 .10
100
 50
150 MHz
49 MHz
3.3 ns
10.0 ns
3D7438x-125
7.0
 0.5
31.875
 .13
125
 63
150 MHz
39 MHz
3.3 ns
12.7 ns
3D7438x-150
7.0
 0.5
38.250
 .15
150
 75
150 MHz
32 MHz
3.3 ns
15.3 ns
3D7438x-200
7.0
 0.5
51.000
 .20
200
 100
150 MHz
24 MHz
3.3 ns
20.4 ns
3D7438x-250
7.0
 0.5
63.750
 .25
250
 125
150 MHz
19 MHz
3.3 ns
25.5 ns
NOTES: Replace the ‘x’ in the part number with D, S or Z, depending on choice of package.
Any dash number between 50 and 250 not shown is also available as standard.
See application notes section for more details
2010 Data Delay Devices
PIN DESCRIPTIONS
IN
Signal Input
OUT
Signal Output
MD
Mode Select
AE
Address Enable
P0-P7 Parallel Data Input
SC
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
+5 Volts
GND
Ground
1
2
3
4
8
7
6
5
IN
SO
AE
GND
VDD
OUT
SC
SI
3D7438Z-xx SOIC8
3D7438D-xx SOIC14
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
AE
P0
P1
P2
P3
GND
VDD
OUT
P7
P6
P5
P4
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN
AE
SO/P0
P1
P2
P3
P4
GND
VDD
OUT
MD
P7
P6
SC
P5
SI
3D7438S-xx SOW16
For mechanical dimensions, click here.
For package marking details, click here.
Super-Fine Resolution


Similar Part No. - 3D7438x-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.25 DATADELAY-3D7408-0.25 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-0.5 DATADELAY-3D7408-0.5 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-1 DATADELAY-3D7408-1 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7408-2 DATADELAY-3D7408-2 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
More results

Similar Description - 3D7438x-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D3428 DATADELAY-3D3428 Datasheet
516Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
3D3438 DATADELAY-3D3438 Datasheet
101Kb / 6P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7438)
logo
List of Unclassifed Man...
3D3428 ETC-3D3428 Datasheet
509Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
logo
Data Delay Devices, Inc...
3D7408 DATADELAY-3D7408 Datasheet
65Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428 Datasheet
513Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
3D7428 DATADELAY-3D7428_06 Datasheet
471Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE
PDU18F DATADELAY-PDU18F Datasheet
292Kb / 5P
   8-BIT PROGRAMMABLE DELAY LINE
3D3418 DATADELAY-3D3418 Datasheet
408Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D3418 - LOW NOISE)
3D7418 DATADELAY-3D7418 Datasheet
397Kb / 7P
   MONOLITHIC 8-BIT PROGRAMMABLE DELAY LINE (SERIES 3D7418 - LOW NOISE)
logo
Dallas Semiconductor
DS1021 DALLAS-DS1021 Datasheet
193Kb / 9P
   Programmable 8-Bit Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com