Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D3250-25 Datasheet(PDF) 4 Page - Data Delay Devices, Inc.

Part # 3D3250-25
Description  FIXED PULSE-WIDTH 10-TAP MILLISECOND TIMER (SERIES 3D3250)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D3250-25 Datasheet(HTML) 4 Page - Data Delay Devices, Inc.

  3D3250-25 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D3250-25 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D3250-25 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D3250-25 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
3D3250
Doc #14017
DATA DELAY DEVICES, INC.
4
6/10/2014
Tel: 973-773-2299
Fax: 973-773-9672
http://www.datadelay.com
SILICON DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT:
OUTPUT:
Ambient Temperature: 25
oC
 3oC
Rload:
10K
  10%
Supply Voltage (Vcc):
3.3V
 0.1V
Cload:
5pf
 10%
Input Pulse:
High = 3.0V
 0.1V
Threshold:
1.5V (Rising & Falling)
Low = 0.0V
 0.1V
Source Impedance:
50
 Max.
Rise/Fall Time:
3.0 ns Max. (measured
between 0.6V and 2.4V )
Pulse Width:
PWIN = 1.25 x Total Delay
Period:
PERIN = 2.5 x Total Delay
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
10K
470
5pf
Device
Under
Test
Digital
Scope
T1
T2
T4
T3
OUT
TRIG
IN
REF
TRIG
Figure 2: Test Setup
DEVICE UNDER
TEST (DUT)
DIGITAL SCOPE/
TIME INTERVAL COUNTER
PULSE
GENERATOR
COMPUTER
SYSTEM
PRINTER
TRG
T5
T6
T8
T7
T10
T9
FREQUENCY
SOURCE
CK
Figure 3: Timing Diagram
tPLH
tPHL
PERIN
PWIN
tRISE
tFALL
0.6V
0.6V
1.5V
1.5V
2.4V
2.4V
1.5V
1.5V
VIH
VIL
VOH
VOL
INPUT
SIGNAL
OUTPUT
SIGNAL


Similar Part No. - 3D3250-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-1.5 DATADELAY-3D3215M-1.5 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-10 DATADELAY-3D3215M-10 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
3D3215M-12 DATADELAY-3D3215M-12 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
More results

Similar Description - 3D3250-25

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
logo
Fairchild Semiconductor
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
FT7521 FAIRCHILD-FT7521 Datasheet
1Mb / 9P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT10001 ONSEMI-FT10001 Datasheet
667Kb / 13P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.1
logo
Fairchild Semiconductor
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
   Reset Timer with Fixed Delay and Reset Pulse
logo
ON Semiconductor
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
   Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
FT7522 ONSEMI-FT7522 Datasheet
677Kb / 10P
   Reset Timer with Fixed Delay and Reset Pulse
January 2012 Rev. 1.0.0
logo
Maxim Integrated Produc...
MAX8785AEVKIT MAXIM-MAX8785AEVKIT Datasheet
186Kb / 7P
   10:1 Digital Pulse-Width Modulation (DPWM)
Rev 2; 11/09
logo
Data Delay Devices, Inc...
3D3220 DATADELAY-3D3220_06 Datasheet
238Kb / 4P
   MONOLITHIC 10-TAP FIXED DELAY LINE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com