Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NUC130LE3CN Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NUC130LE3CN
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NUC130LE3CN Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NUC130LE3CN Datasheet HTML 4Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 5Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 6Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 7Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 8Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 9Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 10Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 11Page - List of Unclassifed Manufacturers NUC130LE3CN Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
NuMicro
™ NUC130 Data Sheet
2
FEATURES
The equipped features are dependent on the product line and their sub products.
2.1
NuMicro
™ NUC130 Features – Automotive Line
• Core
ARM
® Cortex™-M0 core runs up to 50 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
• Build-in LDO for wide operating voltage ranges from 2.5 V to 5.5 V
• Flash Memory
32K/64K/128K bytes Flash for program code
4KB flash for ISP loader
Support In-system program (ISP) application code update
512 byte page erase for flash
Configurable data flash address and size for 128KB system, fixed 4KB data flash for
the 32KB and 64KB system
Support 2 wire ICP update through SWD/ICE interface
Support fast parallel programming mode by external programmer
• SRAM Memory
4K/8K/16K bytes embedded SRAM
Support PDMA mode
• PDMA (Peripheral DMA)
Support 9 channels PDMA for automatic data transfer between SRAM and peripherals
• Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed OSC for system operation
Trimmed to
1 % at +25 ℃ and VDD = 5 V
Trimmed to
3 % at -40 ℃ ~ +85 ℃ and VDD = 2.5 V ~ 5.5 V
Built-in 10 kHz low speed OSC for Watchdog Timer and Wake-up operation
Support one PLL, up to 50 MHz, for high performance system operation
External 4~24 MHz high speed crystal input for precise timing operation
External 32.768 kHz low speed crystal input for RTC function and low power system
operation
• GPIO
Four I/O modes:
Quasi bi-direction
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source with edge/level setting
High driver and high sink IO mode support
Publication Release Date: Jan. 2, 2012
- 8 -
Revision V3.02


Similar Part No. - NUC130LE3CN

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
NUC130LE3CN NUVOTON-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Similar Description - NUC130LE3CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com