Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM3348KPB Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # BCM3348KPB
Description  QAMLink짰??DOCSIS??2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM3348KPB Datasheet(HTML) 2 Page - Broadcom Corporation.

  BCM3348KPB Datasheet HTML 1Page - Broadcom Corporation. BCM3348KPB Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The BCM3348 combines an RF receiver with an advanced QAM
and S-CDMA demodular, an advanced QAM transmitter, a
complete DOCSIS 2.0 Media Access Controller (MAC), a
200-MHz MIPS32™ communication processor, a 16-bit,
100-MHz SDRAM interface, 10/100 Ethernet MAC with
integrated transceiver and MII Interface, and a medium-speed
USB 2.0 controller with integrated transceiver.
The QAM receiver directly samples a tuner output with a 11-bit
A/D converter and input ACG amplifier. The receiver digitally
resamples and demodulates the signal with recovered clock and
carrier timing, filters and equalizes the data and passes soft
decisions to an ITU-T J.83 Annex A/B/C compatible decoder.
The
receiver
supports
variable
symbol
rate
4/16/32/64/128/256/512/1024-QAM FEC decoding. The final
received data stream is delivered in a serial MPEG-2 transport
format. All gain, clock, and carrier, acquisition and tracking
loops are integrated in the QAM receiver.
The upstream transmitter takes burst or continuous data, provides
FEC encoding and pre-equalization for DOCSIS applications,
filters and applies 2/4/8/16/64/128/256-QAM or S-CDMA,
modulation to the data stream, amplifies the signal through the
integrated upstream power amplifier and provides a direct
0–65 MHz analog output.
The BCM3348 Media Access Controller (MAC) includes all
features required for full DOCSIS 1.0, 1.1 and 2.0 compliance,
including full support for baseline privacy (BPI+) encryption and
decryption. Single-user support includes 4 SIDS in downstream,
4 DA perfect-match filters, a 256-entry CAM for
multicast/unicast hash filter, and 4 independent upstream queues
for simultaneous support of QoS and BE traffic. To enhance
operational support, the BCM3348 MAC provides extended
network management MIB/diagnostic features, as well as
immediate UCC (on-the-fly) using independent resets for
downstream and upstream and both individual queue reset/flush
for upstream queues. The BCM3348 uses advanced PROPANE
techniques to provide packet acceleration to significantly
improve upstream channel utilization.
With the incorporation of an upstream power amplifier, the
BCM3348 allows a complete cable modem to be assembled with
a minimal set of external components. When used with the
silicon tuner, the BCM3348 offers the lowest-price solution for a
high performance, single-user DOCSIS 2.0 cable modem.
BCM3348
OVER VIEW
100-MHz ISB
Ethernet
MAC
USB
MAC
EBI/PCMCIA
Expansion
Module
16-bit
SDRAM
Interface
Transmission
Convergence
Module
Silicon
Tuner
Coaxial
cable
DiPlexer
USB
10/100
Ethernet
Isolation
64-MB
100-MHz
8-MB
FLASH
SDRAM
DOCSIS 2.0
MAC
Module
Peripheral
Logic
200-MHz
MIPS32 Core
with MMU
8/8-KB
I/D Cache
Advanced
Modulator
QPSK-256-QAM
Advanced
Demodulator
16
–1024-QAM
Power
Amplifier
Filter
Ethernet
Transceiver
BCM3348
Isolation
SPI
I/F
Serial
FLASH
(optional)
®
Phone: 949-450-8700
FAX: 949-450-8710
Email: info@broadcom.com
Web: www.broadcom.com
Broadcom®, the pulse logo, PROPANETM, QAMLink®, and Connecting everything®
are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and
certain other countries. All other trademarks are the property of their respective owners.
BROADCOM CORPORATION
16215 Alton Parkway, P.O. Box 57013
Irvine, California 92619-7013
© 2002 by BROADCOM CORPORATION. All rights reserved.
3348-PB02-403-R 11.26.02


Similar Part No. - BCM3348KPB

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3348 BOARDCOM-BCM3348 Datasheet
180Kb / 2P
   ADVANCED DIGITAL CABLE TUNER
More results

Similar Description - BCM3348KPB

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM3349 BOARDCOM-BCM3349 Datasheet
182Kb / 2P
   ADVANCED QAMLINK짰 DOCSIS-R 2.0 HIGH-PERFORMANCE, SINGLE-CHIP CABLE MODEM
logo
STMicroelectronics
STV0498 STMICROELECTRONICS-STV0498 Datasheet
71Kb / 4P
   DOCSIS 2.0 cable modem chip with channel bonding
logo
Broadcom Corporation.
BCM3300 BOARDCOM-BCM3300 Datasheet
128Kb / 2P
   BCM3300 QAMLINK SINGLE CHIP DOCSIS CABLE MODEM
BCM3345 BOARDCOM-BCM3345 Datasheet
152Kb / 1P
   QAMLINK HIGH PERFORMANCE SINGLE CHIP CABLE MODEM
BCM93212 BOARDCOM-BCM93212 Datasheet
437Kb / 2P
   DOCSIS/EuroDOCSIS 1.1 ADVANCED CABLE MODEM TERMINATION SYSTEM
logo
Synaptics Incorporated.
CX24951 CONEXANT-CX24951 Datasheet
200Kb / 4P
   Single-Chip Cable Modem Solution
logo
Filtronic Compound Semi...
ST-260C FILTRONIC-ST-260C Datasheet
325Kb / 1P
   DOCSIS 2.0 Tracer for DOCSIS 1.0, 1.1, and 2.0 Protocol Analysis
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
logo
TDK Electronics
73K302L TDK-73K302L Datasheet
282Kb / 29P
   Single-Chip Modem
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com