Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAV99TA
Description  DUAL SURFACE MOUNT SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV99TA Datasheet(HTML) 2 Page - Diodes Incorporated

  BAV99TA Datasheet HTML 1Page - Diodes Incorporated BAV99TA Datasheet HTML 2Page - Diodes Incorporated BAV99TA Datasheet HTML 3Page - Diodes Incorporated BAV99TA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV99
Document number: DS12007 Rev. 25 - 2
2 of 4
www.diodes.com
January 2014
© Diodes Incorporated
BAV99
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current (Note 6)
IFM
300
mA
Non-Repetitive Peak Forward Surge Current
@ t = 1.0µs
@ t = 1.0s
IFSM
2.0
1.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 6)
PD
350
mW
Thermal Resistance Junction to Ambient Air (Note 6)
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
75
V
IR = 2.5µA
Forward Voltage
VF
0.715
0.855
1.0
1.25
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 150mA
Reverse Current (Note 7)
IR
2.5
50
30
25
µA
µA
µA
nA
VR = 75V
VR = 75V, TJ = +150°C
VR = 25V, TJ = +150°C
VR = 20V
Total Capacitance
CT
2.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
4.0
ns
IF = IR = 10mA,
Irr = 0.1 x IR, RL = 100Ω
Notes:
6. Part mounted on Polymide PC board with pad dimensions 1.13mm x 1.27mm.
7. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - BAV99TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99T DIODES-BAV99T Datasheet
200Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30260 Rev. 3 - 2
logo
Yea Shin Technology Co....
BAV99T YEASHIN-BAV99T Datasheet
483Kb / 2P
   150mW SOT-523 SURFACE MOUNT
logo
Shanghai Shunye Electro...
BAV99T SY-BAV99T Datasheet
257Kb / 3P
   Surface Mount Fast Switching Diode
logo
Infineon Technologies A...
BAV99T INFINEON-BAV99T Datasheet
487Kb / 8P
   Silicon Switching Diode
Mar-10-2004
logo
Jiangsu Changjiang Elec...
BAV99T JIANGSU-BAV99T Datasheet
2Mb / 4P
   SWITCHING DIODE
More results

Similar Description - BAV99TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
   Dual Surface Mount Switching Diode
Rev. 2, 17-Mar-99
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV70_ DIODES-BAV70_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12006 Rev. 15 - 2
BAV99_ DIODES-BAV99_ Datasheet
242Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 16 - 2
BAW56_ DIODES-BAW56_ Datasheet
103Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12008 Rev. 16 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
   DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
MMBD7000 TSC-MMBD7000 Datasheet
44Kb / 2P
   Dual Surface Mount Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com