Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82802A0030A320 Datasheet(PDF) 4 Page - EPCOS

Part # B82802A0030A320
Description  SMT flyback transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82802A0030A320 Datasheet(HTML) 4 Page - EPCOS

  B82802A0030A320 Datasheet HTML 1Page - EPCOS B82802A0030A320 Datasheet HTML 2Page - EPCOS B82802A0030A320 Datasheet HTML 3Page - EPCOS B82802A0030A320 Datasheet HTML 4Page - EPCOS B82802A0030A320 Datasheet HTML 5Page - EPCOS B82802A0030A320 Datasheet HTML 6Page - EPCOS B82802A0030A320 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMT flyback transformers
EFD series
B82802A
Technical data and measuring conditions
Input voltage Vin
36 V DC … 60 V DC
Test voltage Vtest
1500 V AC
Main inductance L
100 kHz, 100 mV, +25 °C
Inductance tolerance
±10% at +25 °C
DC current IDC
With IDC bias Ldrop approx. 20%
Operating frequency f
100 kHz
DC resistance Rmax
Measured at +25 °C, maximum values (specified per winding)
Solderability
99.9 Sn or Sn96.5Ag3.0Cu0.5: +(245± 5) °C, (3±0.3) s
Wetting of soldering area: ≥95% (to IEC 60068-2-58)
Operating temperature range
–40°C … +125°C
Characteristics and ordering codes
Ordering code
Core
Schematic L
Lstray,max Turns ratio
DC resistance Rmax (Ω)
Pri
Sec
μH μH
Vout1 Vout2 Vout3
B82802A0012A215
EFD15 Fig 1
100 3.0
(1-10):(2-9):(5-4)
1:2.25:6.5
0.03
0.19
0.45 -
B82802A0012A315
EFD15 Fig 2
100 3.0
(1-10):(2-9):(3-8):(5-4)
1:2.5:0.75:7.5
0.05
0.37
0.43 0.03
B82802A0030A220
EFD20 Fig 3
40
1.5
(1-10):(2-9):(5-4)
1:2.25:6.5
0.015 0.04
0.1
-
B82802A0030A320
EFD20 Fig 4
40
1.8
(1-10):(2-9):(3-8):(5-4) 1:2.25:0.75:6.5 0.018 0.04
0.1
0.01
B82802A0055A225
EFD25 Fig 5
22
1.5
(1-10):(2-9):(5,4-7)
1:2.5:7.5
0.003 0.04
0.03 -
B82802A0055A325
EFD25 Fig 6
22
1.2
(1-10):(2-9):(3-8):(5-4) 1:2.33:0.66:6.67 0.015 0.04
0.05 0.003
Ordering code
Core
Schematic
Power
Vout1
Vout2
Vout3
W
V/A
V/A
V/A
B82802A0012A215
EFD15
Fig 1
12
12/0.5
5.0/1.2
-
B82802A0012A315
EFD15
Fig 2
12
5.0/0.8
3.3/1.2
12/0.33
B82802A0030A220
EFD20
Fig 3
30
12/1.25
5.0/3.0
-
B82802A0030A320
EFD20
Fig 4
30
5.0/2.0
3.3/3.0
12/0.83
B82802A0055A225
EFD25
Fig 5
55
12/2.3
5.0/5.5
-
B82802A0055A325
EFD25
Fig 6
55
5.0/3.7
3.3/5.5
12/1.5
EPCOS Ho PD
October 2012
Please read Cautions and warnings and
Page 4 of 7
Important notes at the end of this document.


Similar Part No. - B82802A0030A320

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801A EPCOS-B82801A Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A EPCOS-B82801A Datasheet
508Kb / 9P
   SMT current sense transformers EE 4.2 core
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
logo
EPCOS
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
508Kb / 9P
   SMT current sense transformers EE 4.2 core
More results

Similar Description - B82802A0030A320

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68422NL PULSE-PE-68422NL Datasheet
84Kb / 1P
   SMT FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
   Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
   Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
   FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
   Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
   Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
   Flyback Transformers
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
   Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
   Flyback Transformers
POE30P-33L COILCRAFT-POE30P-33L_15 Datasheet
437Kb / 2P
   Flyback Transformers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com