Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82802A0030A320 Datasheet(PDF) 2 Page - EPCOS

Part # B82802A0030A320
Description  SMT flyback transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82802A0030A320 Datasheet(HTML) 2 Page - EPCOS

  B82802A0030A320 Datasheet HTML 1Page - EPCOS B82802A0030A320 Datasheet HTML 2Page - EPCOS B82802A0030A320 Datasheet HTML 3Page - EPCOS B82802A0030A320 Datasheet HTML 4Page - EPCOS B82802A0030A320 Datasheet HTML 5Page - EPCOS B82802A0030A320 Datasheet HTML 6Page - EPCOS B82802A0030A320 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMT flyback transformers
EFD series
B82802A
EPCOS Ho PD
October 2012
Please read Cautions and warnings and
Page 2 of 7
Important notes at the end of this document.
Construction
EFD type ferrite core
10 gull wing terminals
Features
Low profile SMT package with high
through-put power capability
Industry standard footprints
Compliant with JEDEC J-STD-020D
MSL level 1
RoHS compatible
Custom variations available (on request)
Applications
General purpose isolated DC/DC
converters (up to 55W)
Power over Ethernet ( PoE/12W and PoE
+/30W) Powered Devices(PD) and Power
Sourcing Equipment (PSD)
Marking
Manufacturer, middle block of ordering
code , date code, pin1 marker
Delivery mode and packing unit
44/56-mm blister tape , 330-mm Ø reel
Packing unit : 300 pcs./ reel (EFD15)
Packing unit : 160 pcs./ reel (EFD20)
Packing unit : 80 pcs./ reel (EFD25)
Dimensional drawing
EFD15
EFD20
EFD25


Similar Part No. - B82802A0030A320

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82801A EPCOS-B82801A Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A EPCOS-B82801A Datasheet
508Kb / 9P
   SMT current sense transformers EE 4.2 core
logo
TDK Electronics
B82801A TDK-B82801A Datasheet
1Mb / 3P
   SMT Current Sense Transformers
logo
EPCOS
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
128Kb / 5P
   SMT current sense transformers
B82801A0134A040 EPCOS-B82801A0134A040 Datasheet
508Kb / 9P
   SMT current sense transformers EE 4.2 core
More results

Similar Description - B82802A0030A320

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68422NL PULSE-PE-68422NL Datasheet
84Kb / 1P
   SMT FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
A9619-CL COILCRAFT-A9619-CL Datasheet
133Kb / 1P
   Flyback Transformers
GA3429-BL COILCRAFT-GA3429-BL Datasheet
177Kb / 1P
   Flyback Transformers
logo
MPS Industries, Inc.
P613P MPSIND-P613P Datasheet
462Kb / 1P
   FLYBACK TRANSFORMERS
logo
Coilcraft lnc.
POE300F-33LB COILCRAFT-POE300F-33LB Datasheet
115Kb / 2P
   Flyback Transformers
FA2925-ALD COILCRAFT-FA2925-ALD Datasheet
128Kb / 1P
   Flyback Transformers
HA3691 COILCRAFT-HA3691_13 Datasheet
128Kb / 1P
   Flyback Transformers
GA3430 COILCRAFT-GA3430_10 Datasheet
75Kb / 1P
   Flyback Transformers
HA3585 COILCRAFT-HA3585_13 Datasheet
101Kb / 1P
   Flyback Transformers
POE30P-33L COILCRAFT-POE30P-33L_15 Datasheet
437Kb / 2P
   Flyback Transformers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com