Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32023A3224M Datasheet(PDF) 10 Page - EPCOS

Part # B32023A3224M
Description  EMI Suppression Capacitors (MKP)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32023A3224M Datasheet(HTML) 10 Page - EPCOS

Back Button B32023A3224M Datasheet HTML 6Page - EPCOS B32023A3224M Datasheet HTML 7Page - EPCOS B32023A3224M Datasheet HTML 8Page - EPCOS B32023A3224M Datasheet HTML 9Page - EPCOS B32023A3224M Datasheet HTML 10Page - EPCOS B32023A3224M Datasheet HTML 11Page - EPCOS B32023A3224M Datasheet HTML 12Page - EPCOS B32023A3224M Datasheet HTML 13Page - EPCOS B32023A3224M Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Damp Heat
Steady State
IEC 60384-14
Test Ca
40
°C / 93% RH / 56 days
No visible damage
I
∆C/C
0 I
≤ 5%
I
∆ tan δ I ≤ 0.008,
C
≤ 1 µF
I
∆ tan δ I > 0.005,
C > 1
µF
Voltage proof
RINS
≥ 50% of initial limit
Impulse test
Endurance
IEC 60384-14
3 impulses
TB / 1.7 VR / 1000 hours,
1000 Vrms for 0.1 s every hour
No visible damage
I
∆C/C
0 I
≤ 10%
I
∆ tan δ I ≤ 0.008,
C
≤ 1 µF
I
∆ tan δ I > 0.005,
C > 1
µF
Voltage proof
RINS
≥ 50% of initial limit
Passive
flammability
IEC 60384-14
Flame applied for a period of time
depending on capacitor volume
B
Active
flammability
IEC 60384-14
20 discharges at 2.5 kV + VR
The cheesecloth shall
not burn with a flame
B32021 ... B32026
Y2 / 300 V AC
Page 10 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32023A3224M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32023A3224M EPCOS-B32023A3224M Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors
B32023A3224M EPCOS-B32023A3224M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32023A3224M TDK-B32023A3224M Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
EPCOS
B32023A3224MK000 EPCOS-B32023A3224MK000 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
B32023A3224MK189 EPCOS-B32023A3224MK189 Datasheet
300Kb / 18P
   Film Capacitors EMI Suppression Capacitors (MKP)
More results

Similar Description - B32023A3224M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B81123 TDK-B81123_16 Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32926E3335M EPCOS-B32926E3335M Datasheet
317Kb / 18P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com