Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-1505G Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-1505G
Description  1.5 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1505G Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1505G Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505G Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1.5
INCH
SINGLE
DIGIT
DISPLAY
A-1505G
REV:A / 1
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-09-0062
DATE : 2013-04-11
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC


Similar Part No. - A-1505G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-1505G ETC-A-1505G Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-1505G

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104T9 CHINASEMI-CSS-15104T9 Datasheet
188Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104V9 CHINASEMI-CSS-15104V9 Datasheet
183Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1505Y PARALIGHT-A-1505Y Datasheet
205Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
C-1505Y PARALIGHT-C-1505Y Datasheet
193Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505E PARALIGHT-A-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1505E PARALIGHT-C-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505SR PARALIGHT-A-1505SR Datasheet
194Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com