Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-011027-14150T Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-011027-14150T
Description  High Power PIN Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-011027-14150T Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MADP-011027-14150T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MADP-011027-14150T Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
High Power PIN Diode
50 MHz - 12 GHz
Rev. V1
MADP-011027-14150T
2
2
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications: TA = +25°C
Absolute Maximum Ratings
9,10
Parameter
Absolute Maximum
D.C. Forward Voltage @
+250 mA
1.2 V
D.C. Forward Current
250 mA
D.C. Reverse Voltage
|-100V|
Junction Temperature11
+175°C
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Re-flow Temperature
+260°C for 360 seconds
9. Exceeding any one or combination of these limits may cause
permanent damage to this device.
10. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
11. Operating at nominal conditions with TJ ≤ +140°C will ensure
MTTF > 1 x 10E6 hours.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Forward Voltage
+50 mA D.C.
V
0.7
0.9
1.1
Reverse Leakage Current
-100 V D.C.
ηA
|- 20|
|-1000|
Total Capacitance5
-50 V @ 1 MHz
pF
0.24
0.35
Series Resistance6
+10 mA @ 1 GHz
1.9
2.6
Parallel Resistance6
-Vdc = -40 V, @ 100 MHz
KΩ
500
Minority Carrier Lifetime
+If = 10 mA / -Ir = -6 mA
(50% Control Voltage, 90% Output Voltage)
µS
1.0
2.0
C.W. Thermal Resistance
( Infinite Heat Sink at Thermal
Ground Plane)
IHigh = 4 A, Ilow = 10 mA @ 10 kHz
ºC/W
45
Power Dissipation7,8
( Infinite Heat Sink at Thermal
Ground Plane)
+If = 50 mA @ 1 GHz
W
3.3
Insertion Loss
F = 1 GHz, -Vdc = -10 V
dB
-0.1
Isolation
F = 1 GHz, +Ibias = +10 mA
dB
-23
-21
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
These devices are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these Class 2 devices.
5. Ct (Total Capacitance) = CJ (Junction Capacitance) + Cp (Parasitic Package Capacitance).
6. Rs and Rp are measured on an HP4291A Impedance Analyzer.
7. De-rate power dissipation linearly by -22.2 mW/ºC to 0 W @ +175ºC: Pd (T) = Pd (+25ºC) - ∆P = Pd (+25º) - (22.2 mV/ºC) (∆T).
8. PD = ∆Tj / Θ or PD=(IF + IRF) 2 (Rs), where IF is the forward bias DC current and IRF is the forward bias RMS RF current.


Similar Part No. - MADP-011027-14150T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
   High Power PIN Diode
More results

Similar Description - MADP-011027-14150T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011037-13900T MA-COM-MADP-011037-13900T_15 Datasheet
844Kb / 6P
   High Power PIN Diode
MADP-011027-14150T MA-COM-MADP-011027-14150T_15 Datasheet
267Kb / 9P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T Datasheet
431Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T_15 Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011028-14150T MA-COM-MADP-011028-14150T Datasheet
269Kb / 9P
   High Power PIN Diode
MADP-011037-13900T MA-COM-MADP-011037-13900T Datasheet
844Kb / 6P
   High Power PIN Diode
MADP-011029-14150T MA-COM-MADP-011029-14150T_15 Datasheet
431Kb / 9P
   High Power PIN Diode
logo
Broadcom Corporation.
HSMP-386J BOARDCOM-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386J AVAGO-HSMP-386J Datasheet
382Kb / 6P
   High Power RF PIN Diode
logo
Microsemi Corporation
HUM2001 MICROSEMI-HUM2001 Datasheet
178Kb / 4P
   PIN DIODE High Power Stud
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com