Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MADP-010631-13920T Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MADP-010631-13920T
Description  Surface Mount Plastic PIN Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MADP-010631-13920T Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MADP-010631-13920T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADP-010631-13920T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADP-010631-13920T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADP-010631-13920T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MADP-010631-13920T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Surface Mount Plastic PIN Diodes
Rev. V4
MADP-010630-13920T
MADP-010631-13920T
MADP-010633-13920T
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
5
0.1
1
10
100
1000
0.01
0.10
1.00
10.00
100.00
Forward Current (mA)
Isolation vs. Frequency
Typical Performance Curves MADP-010633
Insertion Loss vs. Frequency
Series Resistance vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
12
3
456
0 V
-10 V
-50 V
Frequency (GHz)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
01
2
345
6
10 mA
20 mA
50 mA
100 mA
Frequency (GHz)


Similar Part No. - MADP-010631-13920T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-010631-13920T MA-COM-MADP-010631-13920T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
More results

Similar Description - MADP-010631-13920T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-008120-12790T MA-COM-MADP-008120-12790T Datasheet
74Kb / 4P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T_15 Datasheet
346Kb / 5P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPPSERIES MACOM-SMPPSERIES Datasheet
210Kb / 11P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP-SERIES MA-COM-SMPP-SERIES Datasheet
152Kb / 9P
   Surface Mount Plastic PIN Diodes
MADP-01063X-1392T MA-COM-MADP-01063X-1392T Datasheet
762Kb / 6P
   Surface Mount Plastic PIN Diodes
SMPP MA-COM-SMPP Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Tyco Electronics
SMPP MACOM-SMPP Datasheet
116Kb / 10P
   Surface Mount Plastic PIN Diodes
MADP-008120-12790T MACOM-MADP-008120-12790T Datasheet
76Kb / 4P
   Surface Mount Plastic PIN Diodes
logo
M/A-COM Technology Solu...
SMPP MA-COM-SMPP_15 Datasheet
779Kb / 10P
   Surface Mount Plastic PIN Diodes
logo
Broadcom Corporation.
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
   Surface Mount PIN Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com