Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP3040L Datasheet(PDF) 5 Page - COSMO Electronics Corporation

Part # KP3040L
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP3040L Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KP3040L Datasheet HTML 1Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 2Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 3Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 4Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 5Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 6Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 7Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 8Page - COSMO  Electronics Corporation KP3040L Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P13001.1
- 5 -
http://www.cosmo-ic.com
cosmo
KP3040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Fig.6
Fig.7
Collector Current
vs. Collector-Emitter Voltage
Relative Current Transfer Ratio
vs. Ambient Temperature
0
01
5
10
234
6
57
5mA
9
8
20mA
I =30mA
20
15
25
30
Ta=25°
10mA
C
F
-55
0
-25
50
25
50
115
75
I =1m A
V
=5V
150
100
0
F
CE
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8
Fig.9
Collector-Emitter Saturation Voltage
vs. Ambient Temperature
Collector-Emitter Saturation
Voltage vs. Forward Current
0
0
- 5 5
4 0
2 0
6 0
8 0
1 0 0 1 1 5
0 . 0 8
0 . 0 4
0 . 0 2
0 . 0 1
0 . 0 3
0 . 0 6
0 . 0 5
0 . 0 7
I c = 1 m A
I
= 2 0 m A
0 . 1
0 . 0 9
F
1 5
1 2
9
7
5
3
1
0
01
2
4
35
6
I c = 5 m A
I c = 7 m A
I c = 1 m A
I c = 3 m A
I c = 0 . 5 m A
T a = 2 5
C
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10
Fig.11
Response Time (Rise)
vs. Load Resistance
Response Time (Fall)
vs. Load Resistance
10
0
C
T a=25°
0.5
0.2
0.1
1
2
5
10
20
tr
Ic=2m A
V
=2V
100
50
100
CE
10 0
10
0
C
Ta = 2 5 °
0.2
0.1
1
0.5
2
5
20
10
10 0
50
Ic = 2 m A
V
= 2 V
tf
CE
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


Similar Part No. - KP3040L

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3040LATL COSMO-KP3040LATL Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040LATR COSMO-KP3040LATR Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040LBTL COSMO-KP3040LBTL Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040LBTR COSMO-KP3040LBTR Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - KP3040L

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
   DIP 16pin (4-channel) AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com