Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KP3040H Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KP3040H
Description  16PIN PHOTOTRANSISTOR PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KP3040H Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KP3040H Datasheet HTML 1Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 2Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 3Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 4Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 5Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 6Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 7Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 8Page - COSMO  Electronics Corporation KP3040H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P13001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KP3040 Series
16PIN PHOTOTRANSISTOR
PHOTOCOUPLER
Schematic
14
13
15
16
3
4
2
1
10
9
11
12
7
8
6
5
Description
The KP3040 series consist of two infrared emitting
diodes, connected in inverse parallel, optically coupled to
a phototransistor detector. They are packaged in a 16-pin
DIP package and available in wide-lead spacing and SMD
option.
1、3、5、7 Anode, Cathode
2、4、6、8 Anode, Cathode
9、11、13、15 Emitter
10、12、14、16 Collector
Features
1.
Current transfer ratio
( CTR:Min. 60% at IF=±1mA VCE=5V )
2.
High isolation voltage between input and output
( Viso:5000Vrms )
3.
Compact dual-in-line package.
4.
AC input
5.
Pb free and RoHS compliant
6.
Agency Approvals
• UL1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
• VDE EN60747, File No.101347
• FIMKO EN60065, File No. NCS/FI23149 A2
• FIMKO EN60950, File No. NCS/FI24584 A1
• SEMKO EN60065, File No. FI016484
• SEMKO EN60950, File No. FI016433
Applications
• System appliances
• Limit Switches、sensors
• Programmable controllers applications for Low Input Photocouplers and High Vceo Photocouplers
• Telephone sets
• Telephone exchangers
• Thermostats
• Signal transmission between circuits of different potentials and impedances


Similar Part No. - KP3040H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3040HATL COSMO-KP3040HATL Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040HATR COSMO-KP3040HATR Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040HBTL COSMO-KP3040HBTL Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP3040HBTR COSMO-KP3040HBTR Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
More results

Similar Description - KP3040H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP1040 COSMO-KP1040_15 Datasheet
312Kb / 11P
   16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
KP4040 COSMO-KP4040 Datasheet
283Kb / 11P
   16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
DPC-817C ETC-DPC-817C Datasheet
861Kb / 5P
   PHOTOTRANSISTOR / PHOTOCOUPLER
logo
Sharp Corporation
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
   DIP 16pin (4-channel) General Purpose Photocoupler
PC844X SHARP-PC844X Datasheet
212Kb / 12P
   DIP 16pin (4-channel) AC Input Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com